Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2207DN Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2207DN
Description  16V, 4A, 1.3MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2207DN Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2207DN Datasheet HTML 5Page - Monolithic Power Systems MP2207DN Datasheet HTML 6Page - Monolithic Power Systems MP2207DN Datasheet HTML 7Page - Monolithic Power Systems MP2207DN Datasheet HTML 8Page - Monolithic Power Systems MP2207DN Datasheet HTML 9Page - Monolithic Power Systems MP2207DN Datasheet HTML 10Page - Monolithic Power Systems MP2207DN Datasheet HTML 11Page - Monolithic Power Systems MP2207DN Datasheet HTML 12Page - Monolithic Power Systems MP2207DN Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP2207 – 16V, 4A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2207 Rev. 0.92
www.MonolithicPower.com
9
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Figure 1). The feedback resistor R1
also sets the feedback loop bandwidth with the
internal compensation capacitor (see Figure 1).
The relation between R1 and feedback loop
bandwidth (f
C
), output capacitance (CO) is as
follows:
6
CO
1.24 10
R1(K )
f(KHz) C (uF)
×
Ω=
×
.
The feedback loop bandwidth (fC) is no higher
than 1/10th of switching frequency of MP2207. In
the case of ceramic capacitor as CO, it’s usually
set to be in the range of 50KHz and 150KHz for
optimal transient performance and good phase
margin. If electrolytic capacitor is used, the loop
bandwidth is no higher than 1/4th of the ESR zero
frequency (f
ESR). f
ESR is given by:
ESR
ESR
O
1
f
2R
C
=
π×
×
For example, choose fC=70KHz with ceramic
capacitor, CO=47uF, R1 is estimated to be
400KΩ. R2 is then given by:
OUT
R1
R2
V
1
0.8V
=
−
Table 1—Resistor Selection vs. Output
Voltage Setting
VOUT (V) R1 (kΩ) R2 (kΩ)
L (μH)
COUT
(ceramic)
1.2
400
806
0.47μH-1μH
47μF
1.5
400
453
0.47μH-1μH
47μF
1.8
400
316
0.47μH-1μH
47μF
2.5
400
187
0.47μH-1μH
47μF
3.3
400
127
0.47μH-1μH
47μF
Selecting the Inductor
A 0.47µH to 1µH inductor with DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For best efficiency, the inductor DC resistance
shall be <10mΩ. See Table 2 for recommended
inductors and manufacturers. For most designs,
the inductance value can be derived from the
following equation:
OUT
IN
OUT
IN
L
OSC
Vx(V
V
)
L
Vx I xf
−
=
Δ
where ∆IL is Inductor Ripple Current. Choose
inductor ripple current approximately 30% of the
maximum
load
current,
4A.The
maximum
inductor peak current is:
L
L(MAX)
LOAD
I
II
2
Δ
=+
Under light load conditions, larger inductance is
recommended for improved efficiency
Input Capacitor Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device. The input capacitor impedance at the
switching frequency shall be less than input
source impedance to prevent high frequency
switching current passing to the input. Ceramic
capacitors with X5R or X7R dielectrics are highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 47µF capacitor is sufficient.
Table 2—Suggested Surface Mount Inductors
Manufacturer
Part Number
Inductance
(μH)
Max
DCR
(mΩ)
Current
Rating
(A)
Dimensions
L x W x H (mm3)
Wurth Electronics
744310055
0.55
4.5
14
7×6.9×3
744310095
0.95
7.4
11
7×6.9×3
TOKO
B1015AS-1R0N
1
11
6.9
8.4×8.3×4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com