Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2207DN Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2207DN
Description  16V, 4A, 1.3MHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2207DN Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2207DN Datasheet HTML 6Page - Monolithic Power Systems MP2207DN Datasheet HTML 7Page - Monolithic Power Systems MP2207DN Datasheet HTML 8Page - Monolithic Power Systems MP2207DN Datasheet HTML 9Page - Monolithic Power Systems MP2207DN Datasheet HTML 10Page - Monolithic Power Systems MP2207DN Datasheet HTML 11Page - Monolithic Power Systems MP2207DN Datasheet HTML 12Page - Monolithic Power Systems MP2207DN Datasheet HTML 13Page - Monolithic Power Systems MP2207DN Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP2207 – 16V, 4A, 1.3MHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2207 Rev. 0.92
www.MonolithicPower.com
12
9/1/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2010 MPS. All Rights Reserved.
APPLICATION CIRCUIT
Figure 3 —Typical Application Circuit of MP2207
BS
IN
Vcc
SW
EN/SYNC
FB
GND
MP2207
4,7
5
3,8
1
2,9
6
10
Vin
Vout
5V/4A
C3
47uF
R1
400k
R2
76.8k
L1
1uH
C5
100nF
C2
22uF
R3
100k
R4
10k
C4
1uF
D1
B0530
C1
22uF
D2
B0530
Z1
4.7V
Q1
MMBT3904
9V to 16V
Figure 4 —MP2207 with a Vcc Generation Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com