Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS52002 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TS52002
Description  High Efficiency NiMH Battery Charger for Photovoltaic Sources
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS52002 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TS52002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 12Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 13Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
- 10 -
TS52002
Version 1.2
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
REGISTER DESCRIPTION (Device Address = 0x48)
REGISTER
ADDRESS (HEX)
NAME
DESCRIPTION
0
00
STATUS
Status bit register
1-31
N/A
N/A
Registers not implemented
STATUS REGISTER (STATUS)
Address – 0x00h
DATA BIT
D7
D6
D5
D4
D3
D2
D1
D0
FIELD NAME
VBAT_OV
Not Used
Not Used
Not Used
TSD
Not Used
VIN_UV
Not Used
READ/WRITE
R
R
R
R
R
R
R
R
FIELD NAME
BIT DEFINITION(1)
VBAT_OV
VBAT over-voltage
TSD
Thermal shutdown
VIN_UV
VIN under-voltage
(1) Faults are defined as VBAT_OV. Warnings are defined as TSD, and VIN_UV. Faults cause the nFLT pin to be pulled low,
Warnings do not cause the nFLT pin to be pulled low. All status bits are cleared after register read access. nFLT pin will go
high impedance (open drain output) after the status register has been read and all status bits have been reset.
CONFIGURATION REGISTER
Address – 0x04h
DATA BIT
D7
D6
D5
D4
D3
D2
D1
D0
FIELD NAME
MAX_CHRG_CURR [3:0]
Not Used
READ/WRITE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FIELD NAME
BIT DEFINITION
MAX_CHRG_CURR[3:0]
Maximum charge current configuration
0000 – 50 mA
0001 – 100 mA
0010 – 200 mA
0011 – 300 mA
0100 – 400 mA
0101 – 500 mA
0110 – 600 mA
0111 – 700 mA
1000 – 800 mA
1001 – 900 mA
1010 – 1000 mA
1011 – 1100 mA
1100 – 1200 mA
1101 – 1300 mA
1110 – 1400 mA
1111 – 1500 mA
EXTERNAL COMPONENT SELECTION
The internal compensation is optimized for a 4.7uF output capacitor and a 4.7uH inductor. To keep the output ripple low, a
low ESR (less than 35mOhm) ceramic is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com