Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS52002 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TS52002
Description  High Efficiency NiMH Battery Charger for Photovoltaic Sources
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS52002 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TS52002 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
- 6 -
TS52002
Version 1.2
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
CHARGER CHARACTERISTICS
Electrical Characteristics, TJ = -40C to 125C, VIN = 5.3V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Charging Regulator: L=4.7uH and C=4.7uF
IBAT-FC
Output Current Limit
IBAT =1.5A
IBAT -
10%
IBAT
IBAT +
10%
A
VBAT-TO
Termination Voltage
4.16
4.2
4.24
V
RDSON
High Side Switch On Resistance
ISW = -1A, TJ=25C
250
mΩ
Low Side Switch On Resistance
ISW = 1A, TJ=25C
150
mΩ
IBAT
Max Output Current
1.5
A
IOCD
Over-Current Detect
HS switch current
2.5
A
VBAT-OV
VBAT Over-Voltage Threshold
101%
VBAT
102%
VBAT
103%
VBAT
VBAT-OV_HYST
VBAT Over-Voltage Hysteresis
0.2%
VBAT
0.4%
VBAT
0.6%
VBAT
DUTYMAX
Max Duty Cycle
99
%
I2C INTERFACE TIMING REQUIREMENTS
Electrical Characteristics, TJ = -40C to 125C, VIN = 5.3V (unless otherwise noted)
Symbol
Parameter
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
fscl
I2C clock frequency
0
100
0
400
kHz
tsch
I2C clock high time
4
0.6
µs
tscl
I2C clock low time
4.7
1.3
µs
tsp
I2C tolerable spike time
0
50
0
50
ns
tsds
I2C serial data setup time
250
100
ns
tsdh
I2C serial data hold time
0
0
µs
ticr
I2C input rise time
1000
300
ns
ticf
I2C input fall time
300
300
ns
tocf
I2C output fall time; 10 pF to 400 pF bus
300
300
ns
tbuf
I2C bus free time between Stop and Start
4.7
1.3
µs
tsts
I2C Start or repeated Start condition setup time
4.7
0.6
µs
tsth
I2C Start or repeated Start condition hold time
4
0.6
µs
tsps
I2C Stop condition setup time
4
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com