Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS52002 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TS52002
Description  High Efficiency NiMH Battery Charger for Photovoltaic Sources
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS52002 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TS52002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 12Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 13Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
- 12 -
TS52002
Version 1.2
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
APPLICATION USING A MULTI-LAYER PCB
To maximize the efficiency of this package for application on a single layer or multi-layer PCB, certain guidelines must be
followed when laying out this part on the PCB.
The following are guidelines for mounting the exposed pad IC on a Multi-Layer PCB with ground a plane.
JEDEC standard FR4 PCB Cross-section:
Multi-Layer Board (Cross-sectional View)
In a multi-layer board application, the thermal vias are the primary method of heat transfer from the package thermal pad to
the internal ground plane. The efficiency of this method depends on several factors, including die area, number of thermal vias,
thickness of copper, etc.
Package Thermal Pad
Solder Pad (Land Pattern)
Thermal Via's
Package Outline
Package and PCB Land Configuration
For a Multi-Layer PCB
(square)
Package Solder Pad
Package Solder Pad
(bottom trace)
Thermal Via
Component Traces
Thermal Isolation
Power plane only
1.5748mm
0.0 - 0.071 mm Board Base
& Bottom Pad
0.5246 - 0.5606 mm
Power Plane
(1oz Cu)
1.0142 - 1.0502 mm
Ground Plane
(1oz Cu)
1.5038 - 1.5748 mm
Component Trace
(2oz Cu)
2 Plane
4 Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com