Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS52002 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TS52002
Description  High Efficiency NiMH Battery Charger for Photovoltaic Sources
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS52002 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TS52002 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
- 4 -
TS52002
Version 1.2
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
ABSOLUTE MAXIMUM RATINGS
Over operating free–air temperature range unless otherwise noted(1,2,3)
Parameter
Range
Unit
VIN, EN, nFLT, SCL, SDA, VBAT, VSENSE
-0.3 to 8
V
SW
-1 to 8.8
V
VDD
-0.3 to 3.6
V
Operating Junction Temperature Range, TJ
-40 to 125
C
Storage Temperature Range, TSTG
-65 to 150
C
Electrostatic Discharge – Human Body Model
±2k
V
Electrostatic Discharge – Machine Model
+/-200
V
Lead Temperature (soldering, 10 seconds)
260
C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
(3) ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
JA
Thermal Resistance Junction to Air (Note 1)
50
°C/W
Note 1: Assumes 4x4 QFN-16 in 1 in2 area of 2 oz copper and 25C ambient temperature.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VIN
Photovoltaic Input Operating Voltage
3.2
5.3
7.2
V
RSENSE
Sense Resistor
50
m
LOUT
Output Filter Inductor Typical Value (Note 1)
4.7
uH
COUT
Output Filter Capacitor Typical Value (Note 2)
4.7
uF
COUT-ESR
Output Filter Capacitor ESR
100
m
CIN
Input Supply Bypass Capacitor Typical Value (Note 3)
3.3
10
uF
CVDD
VDD Supply Bypass Capacitor Value (Note 2)
70
100
130
nF
TA
Operating Free Air Temperature
-40
85
C
TJ
Operating Junction Temperature
-40
125
C
Note 1: For best performance, an inductor with a saturation current rating higher than the maximum VBAT load requirement plus the inductor current ripple.
Note 2: For best performance, a low ESR ceramic capacitor should be used.
Note 3: For best performance, a low ESR ceramic capacitor should be used. If CIN is not a low ESR ceramic capacitor, a 0.1uF ceramic capacitor should be
added in parallel to CIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com