Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS52002 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TS52002
Description  High Efficiency NiMH Battery Charger for Photovoltaic Sources
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS52002 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TS52002 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
- 8 -
TS52002
Version 1.2
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
SERIAL INTERFACE
The TS52002 features an I2C slave interface which offers advanced control and diagnostic features. I2C operation offers fault
and warning indicators. Whenever a fault is detected, the associated status bit in the STATUS register is set and the nFLT pin is
pulled low. Whenever a warning is detected, the associated status bit in the STATUS register is set, but the nFLT pin is not
pulled low. Reading of the STATUS register resets the fault and warning status bits, and the nFLT pin is released after all fault
status bits have been reset.
I2C SUBADDRESS DEFINITION
Figure 3: Sub-address in I2C Transmission
I2C BUS OPERATION
The TS52002 has a slave I2C interface that supports standard and fast mode data rates, auto-sequencing, and is compliant to I2C
standard version 3.0.
I2C is a two-wire serial interface where the two lines are serial clock (SCL) and serial data (SDA). SDA must be connected to a
positive supply through an external pull-up resistor. The devices communicating on this bus can drive the SDA line low or
release it to high impedance. The device that initiates the I2C transaction becomes the master of the bus. Communication is
initiated by the master sending a Start condition, a high-to-low transition on SDA, while the SCL line is high. After the Start
condition, the device address byte is sent, most significant bit (MSB) first, including the data direction bit (R/nW). After
receiving the valid address byte, the device responds with an acknowledge (ACK). An ACK is a low on SDA during the high of
the ACK related clock pulse. On the I2C bus, during each clock pulse only one data bit is transferred. The data on the SDA line
must remain stable during the high pulse of the clock period, as changes in the data line at this time are interpreted as Start or
Stop control commands. A low-to-high transition on SDA while the SCL input is high, indicates a Stop condition and is sent by
the master (see Figure 4).
Any number of data bytes can be transferred from the transmitter to receiver between the Start and the Stop conditions. Each
byte of eight bits is followed by one ACK bit. The SDA line must be released by the transmitter before the receiver can send an
ACK bit. The receiver that acknowledges must pull down the SDA line during the ACK clock pulse, so that the SDA line is stable
low during the high pulse of the ACK-related clock period. When a slave receiver is addressed, it must generate an ACK after
each byte is received. Similarly, the master must generate an ACK after each byte that it receives from the slave transmitter. To
ensure proper operation, setup and hold times must be met. An end of data is signaled by the master receiver to the slave
transmitter by not generating an acknowledge after the last byte has been clocked out of the slave. This is done by the master
receiver by holding the SDA line high. The transmitter must then release the data line to enable the master to generate a Stop
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com