Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS52002 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TS52002
Description  High Efficiency NiMH Battery Charger for Photovoltaic Sources
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS52002 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TS52002 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS52002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
- 1 -
TS52002
Version 1.2
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2011, Triune Systems, LLC
DESCRIPTION
FEATURES
Utilizes a temperature-independent
PV MPPT-Lite™ regulation scheme
VBAT reverse current blocking
Up to 1.5A continuous output current
High efficiency – up to 92% at typical load
Current mode PWM control in constant voltage
Input supply under-voltage lockout
Full protection for VBAT over-voltage
Device over-current and over-temperature protection
I2C status interface
VBAT status indication
SUMMARY SPECIFICATION
Wide Input Voltage Range: 3.2V to 7.2V
Packaged in a 16pin QFN (4x4)
TYPICAL APPLICATION
GND
EN
SW
nFLT
VBAT
SCL
PGND
COUT
LOUT
RSENSE
VIN
SDA
Photovoltaic Cells
VSENSE
RPULLUP
(optional)
VDD
RPULLUP
(optional)
VDD
CIN
VDD
CVdd
TS52002
µC
NiMH
– 1 or 2 cells
Series or Parallel
The TS52002 is a DC/DC synchronous switching
MPPT Regulator with fully integrated power
switches, internal compensation, and full fault
protection. The TS52002 utilizes a temperature-
independent photovoltaic Maximum Power Point
Tracking (MPPT-Lite™) calculator to optimize
power output from the source.
The switching
frequency of 1MHz enables the use of small filter
components, resulting in smaller board space and
reduced BOM costs.
APPLICATIONS
1-cell and 2-cell NiMH chargers
Portable solar chargers
Off-grid systems
Wireless sensor networks
Smoke detectors
HVAC controls
High Efficiency NiMH Battery Charger for Photovoltaic Sources


Similar Part No. - TS52002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS52001 ETC2-TS52001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
logo
Semtech Corporation
TS52001 SEMTECH-TS52001 Datasheet
747Kb / 22P
High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
Rev. 1.3 August 29, 2016
TS52001-QFNR SEMTECH-TS52001-QFNR Datasheet
747Kb / 22P
High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
Rev. 1.3 August 29, 2016
logo
List of Unclassifed Man...
TS52003 ETC2-TS52003 Datasheet
1Mb / 16P
High Efficiency SuperCap Charger for Photovoltaic Sources
More results

Similar Description - TS52002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS52001 ETC2-TS52001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger for Photovoltaic Sources
TS52003 ETC2-TS52003 Datasheet
1Mb / 16P
High Efficiency SuperCap Charger for Photovoltaic Sources
ZSPM4521 ETC2-ZSPM4521 Datasheet
273Kb / 3P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
logo
Linear Technology
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Energizer
CH15MN2 ENERGIZER-CH15MN2 Datasheet
244Kb / 1P
NiMH Battery Charger
CHDC8 ENERGIZER-CHDC8 Datasheet
122Kb / 1P
NiMH Battery Charger
CHFM ENERGIZER-CHFM Datasheet
151Kb / 1P
NiMH Battery Charger
CHP4 ENERGIZER-CHP4 Datasheet
251Kb / 1P
NiMH Battery Charger
CHPRO ENERGIZER-CHPRO Datasheet
492Kb / 1P
NiMH Battery Charger
logo
Renesas Technology Corp
ZSPM4521 RENESAS-ZSPM4521 Datasheet
642Kb / 31P
High-Efficiency Charger for Li-Ion Batteries with Photovoltaic Sources
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com