Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3021 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3021
Description  1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3021 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3021 Datasheet HTML 1Page - Monolithic Power Systems MP3021 Datasheet HTML 2Page - Monolithic Power Systems MP3021 Datasheet HTML 3Page - Monolithic Power Systems MP3021 Datasheet HTML 4Page - Monolithic Power Systems MP3021 Datasheet HTML 5Page - Monolithic Power Systems MP3021 Datasheet HTML 6Page - Monolithic Power Systems MP3021 Datasheet HTML 7Page - Monolithic Power Systems MP3021 Datasheet HTML 8Page - Monolithic Power Systems MP3021 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP3021 – 1X, 1.5X, 2X AUTO-ADJUST CHARGE PUMP WLED BACKLIGHT DRIVER
MP3021 Rev. 1.0
www.MonolithicPower.com
2
11/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
EXPOSED PAD
CONNECT TO PIN 5
PIN 1 ID
CP
C2B
C1B
C1A
NC
ISET
NC
NC
1
2
3
4
13
14
15
16
8
7
6
5
DATA
VIN
C2A
VSS
LED3
LED2
LED1
LED0
12
11
10
9
Part Number*
Package
Temperature
MP3021DQ
QFN16
(3mm x 3mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP3021DQ–Z)
For RoHS compliant packaging, add suffix –LF (eg.
MP3021DQ–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
All Other Pins.............................. –0.3V to +6.5V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature ..............–65°C to +150°C
Supply Voltage VIN ........................... 2.5V to 6V
Operating Temperature .............–40°C to +85°C
Recommended Operating Conditions
(2)
Supply Voltage VIN.......................... 2.7V to 5.5V
Operating Temperature .............–40°C to +85
°C
Thermal Resistance
(3)
θJA
θJC
QFN16 (3mm x 3mm)............. 60 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 4.2V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Supply Voltage
VIN
2.7
5.5
V
Supply Current
IIN
1X Mode; ILED ea = 20mA
83.6
mA
Supply Current Shutdown
IIN SHDN
VDATA = 0V
0.1
1.0
µA
Current Matching
(4)
ILED MATCH ILED = 20mA
1.5
3.0
%
DATA Voltage, High
VDATA (HIGH)
1.2
V
DATA Voltage, Low
VDATA (LOW)
0.4
V
DATA Pin Leakage
IDATA
VDATA = 5V
-1.0
+1.0
µA
Data Acceptance Pulse Width
TDAPW
1.5
3.5
µs
Data Stop Pulse Width
TDSPW
8
µs
Charge Pump Frequency
FCP
VIN = 3.3V
1.0
1.25
1.5
MHz
Voltage of ISET
VISET
1.25
V
HC/LC = 0, R1=4.17kΩ
30
mA
Backlight LED Current for each
LED
IBL
HC/LC = 1, R1=6.25kΩ
2
2.2
mA
HC/LC = 0, R1=6.25kΩ
20
22
mA
Thermal Shutdown
(5)
TS
150
°C
Note:
4) Current matching definition: (Max – Min)/(Max + Min)
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com