Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3021 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3021
Description  1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3021 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3021 Datasheet HTML 2Page - Monolithic Power Systems MP3021 Datasheet HTML 3Page - Monolithic Power Systems MP3021 Datasheet HTML 4Page - Monolithic Power Systems MP3021 Datasheet HTML 5Page - Monolithic Power Systems MP3021 Datasheet HTML 6Page - Monolithic Power Systems MP3021 Datasheet HTML 7Page - Monolithic Power Systems MP3021 Datasheet HTML 8Page - Monolithic Power Systems MP3021 Datasheet HTML 9Page - Monolithic Power Systems MP3021 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP3021 – 1X, 1.5X, 2X AUTO-ADJUST CHARGE PUMP WLED BACKLIGHT DRIVER
MP3021 Rev. 1.0
www.MonolithicPower.com
9
11/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
Table 2—Setting Backlight LED Current
5-Bit
Brightness
Code
ILED(mA)
HC/LC = 0
ILED(mA)
HC/LC = 1
0
0.94
0.09
1
1.88
0.19
2
2.81
0.28
3
3.75
0.38
4
4.69
0.47
5
5.63
0.56
6
6.56
0.66
7
7.50
0.75
8
8.44
0.84
9
9.38
0.94
10
10.31
1.03
11
11.25
1.13
12
12.19
1.22
13
13.13
1.31
14
14.06
1.41
15
15.00
1.50
16
15.94
1.59
17
16.88
1.69
18
17.81
1.78
19
18.75
1.88
20
19.69
1.97
21
20.63
2.06
22
21.56
2.16
23
22.50
2.25
24
23.44
2.34
25
24.38
2.44
26
25.31
2.53
27
26.25
2.63
28
27.19
2.72
29
28.13
2.81
30
29.06
2.91
31
30.00
3.00
Figure 4—Brightness Control
CP Pin
Do not drive or force CP as it may be shorted to
ground or pumped down by the controller in the
MP3021 at any time. Excessive capacitance on
the CP node can cause the internal controller to
time out before the charge pump can be ready.
Missing the timeouts will cause excessive
pumping and a loss of efficiency. The MP3021
requires C1 and C2 be of the same value and
type.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com