Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3021 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3021
Description  1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3021 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3021 Datasheet HTML 2Page - Monolithic Power Systems MP3021 Datasheet HTML 3Page - Monolithic Power Systems MP3021 Datasheet HTML 4Page - Monolithic Power Systems MP3021 Datasheet HTML 5Page - Monolithic Power Systems MP3021 Datasheet HTML 6Page - Monolithic Power Systems MP3021 Datasheet HTML 7Page - Monolithic Power Systems MP3021 Datasheet HTML 8Page - Monolithic Power Systems MP3021 Datasheet HTML 9Page - Monolithic Power Systems MP3021 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP3021 – 1X, 1.5X, 2X AUTO-ADJUST CHARGE PUMP WLED BACKLIGHT DRIVER
MP3021 Rev. 1.0
www.MonolithicPower.com
8
11/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
0
On/Off
Bit
1-bit
1-bit
2-bits
2-bits
5-bits
HC/LC
Bit
LED Sel
Bits
Mode
Bits
Brightness
Bits
123456789
10
<0> OFF
<1> ON
<0> High Current
<1> Low Current
<23>
<00> All On
<11> 1 LED On
<10> 2 LEDs On
<01> 3 LEDs On
<45>
<00> BL Only
<10> Not Allowed
<01> Not Allowed
<11> Not Allowed
<678910>
<00000> 1 x Max Brightness / 32
<10000> 2 x Max Brightness / 32
<01000> 3 x Max Brightness / 32
<11000> 4 x Max Brightness / 32
.
.
.
.
.
.
<11111> Max Brightness
Figure 3—Control Register
Control Register Definition
The control register is as follows:
• Bit 0 is the enable bit and determines
whether the part is active or in shutdown
• Bit 1 allows the part to be put into a low
current mode
• Bits 2-3 control which backlight WLED pins
are active
• Bits 4-5 control the mode [BL=backlight].
Always set B4B5 = <00>
• Bits 6-10 control the brightness. Step size
and max brightness depend on R1 and Bit1.
Bit 6 is the LSB.
• Default is all “0” and the register is reset
only upon power up.
Shutdown
Setting the DATA-bit low [DATA:0] causes
shutdown. During shutdown, the charge-pump
output is switched to VSS through a weak path.
The supply current will be less than 1µA in
shutdown.
Soft-Start
During startup and mode switching, an internal
soft-start prevents excessive input current thus
preventing excessive loading of the battery or
input power source.
Setting the Backlight LED Current
The full-scale backlight LED regulation current is
set through the resistor R1 (refer to the typical
application circuit on page 1). The voltage across
R1 is fixed at 1.25V, and the internal current
gain (ILED/IR1) is set at 100. Choose R1 for the
desired full-scale LED current according to the
equation:
MAX
I
1mA
k
125
R1
×
Ω
=
Where R1 is in kΩ, and ILED is in mA. Suitable
values for R1 are greater than 4.17kΩ.
The exact LED current between 0 and the max
set by R1 is determined by the brightness code
and the HC/LC bit.
The HC/LC bit allows for fine control at low
current settings. The following table and graph
exhibit the possible settings for a R1 of 4.17kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com