Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3021 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3021
Description  1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3021 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3021 Datasheet HTML 1Page - Monolithic Power Systems MP3021 Datasheet HTML 2Page - Monolithic Power Systems MP3021 Datasheet HTML 3Page - Monolithic Power Systems MP3021 Datasheet HTML 4Page - Monolithic Power Systems MP3021 Datasheet HTML 5Page - Monolithic Power Systems MP3021 Datasheet HTML 6Page - Monolithic Power Systems MP3021 Datasheet HTML 7Page - Monolithic Power Systems MP3021 Datasheet HTML 8Page - Monolithic Power Systems MP3021 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP3021 – 1X, 1.5X, 2X AUTO-ADJUST CHARGE PUMP WLED BACKLIGHT DRIVER
MP3021 Rev. 1.0
www.MonolithicPower.com
5
11/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VBATT = 4.2V, TA = +25°C, unless otherwise noted.
DATA
2V/div.
IBAT
50mA/div.
CP
2V/div.
IBAT
100mA/div.
CP
2V/div.
IBAT
100mA/div.
CP
2V/div.
Soft Start to 1X Mode
VIN = 4.2V,1X Mode, 4 LED Full
Brightness
DATA
2V/div.
Soft Start to 1.5X Mode
VIN = 3.5V, 1.5X Mode, 4 LED Full
Brightness
DATA
2V/div.
Soft Start to 2X Mode
VIN = 2.7V, 2X Mode, 4 LED Full
Brightness
CP
2V/div.
C1A
2V/div.
C1B
2V/div.
Mode Change
From 1X to 1.5X
VIN = 3.3V,4 LED Full Brightness
CP
2V/div.
C1A
2V/div.
C1B
2V/div.
Mode Change
From 1.5X to 2X
VIN = 2.7V, 4 LED Full Brightness
C1A
2V/div.
400ns/div.
Charge Pump Waveform
at 1.5X Mode
VIN = 3.06V, 4 LED Full Brightness,
1.5X Mode
400ns/div.
Charge Pump Waveform
at 2X Mode
VIN = 3.06V, 4 LED Full Brightness,
2X Mode
IBAT
100mA/div.
IBAT
100mA/div.
C1B
2V/div.
C2A
2V/div.
C2B
2V/div.
C1A
2V/div.
C1B
2V/div.
C2A
2V/div.
C2B
2V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com