Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3021 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3021
Description  1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3021 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3021 Datasheet HTML 1Page - Monolithic Power Systems MP3021 Datasheet HTML 2Page - Monolithic Power Systems MP3021 Datasheet HTML 3Page - Monolithic Power Systems MP3021 Datasheet HTML 4Page - Monolithic Power Systems MP3021 Datasheet HTML 5Page - Monolithic Power Systems MP3021 Datasheet HTML 6Page - Monolithic Power Systems MP3021 Datasheet HTML 7Page - Monolithic Power Systems MP3021 Datasheet HTML 8Page - Monolithic Power Systems MP3021 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP3021 – 1X, 1.5X, 2X AUTO-ADJUST CHARGE PUMP WLED BACKLIGHT DRIVER
MP3021 Rev. 1.0
www.MonolithicPower.com
3
11/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1
CP
Charge pump bypass for common anode version. Connect a 1µF bypass capacitor to GND.
2
C2B
Charge Pump Capacitor #2 Negative Node. Connect the negative side of the #2 charge pump
capacitor to C2B.
3
C1B
Charge Pump Capacitor #1 Negative Node. Connect the negative side of the #1 charge pump
capacitor to C1B.
4
C1A
Charge Pump Capacitor #1 Positive Node. Connect the positive side of the #1 charge pump
capacitor to C1A. Typical applications require C1 to be 1µF.
5
VSS
Battery Power Ground. Connect the exposed pad to this pin.
6
C2A
Charge Pump Capacitor #2 Positive Node. Connect the positive side of the #2 charge pump
capacitor to C2A. Typical applications require C2 to be 1µF.
7
VIN
Battery Power Input. Connect the 2.5V to 5.5V input source between BATT and GND. Bypass
BATT to GND with a 1µF or greater capacitor.
8
DATA
Data Input and Single Pin Serial Port for Control of All Functions. See Part Description. An
external pill-down resistor with a typical value of 100k
Ω is required.
9, 10,
12
NC
No Connect.
11
ISET
Current Control Input. Connect a resistor between ISET and GND to set the backlight LED
string current up to 30mA each
13
LED3
#4 LED Driver for Backlight. Connect a backlight LED between this pin and BATT, with the
anode at BATT. If this pin is not used, leave the pin open.
14
LED2
#3 LED Driver for Backlight. Connect a backlight LED between this pin and BATT, with the
anode at BATT. If this pin is not used, leave the pin open.
15
LED1
#2 LED Driver for Backlight. Connect a backlight LED between this pin and BATT, with the
anode at BATT. If this pin is not used, leave the pin open.
16
LED0
#1 LED Driver for Backlight. Connect a backlight LED between this pin and BATT, with the
anode at BATT. If this pin is not used, leave the pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com