Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3021 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3021
Description  1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3021 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3021 Datasheet HTML 1Page - Monolithic Power Systems MP3021 Datasheet HTML 2Page - Monolithic Power Systems MP3021 Datasheet HTML 3Page - Monolithic Power Systems MP3021 Datasheet HTML 4Page - Monolithic Power Systems MP3021 Datasheet HTML 5Page - Monolithic Power Systems MP3021 Datasheet HTML 6Page - Monolithic Power Systems MP3021 Datasheet HTML 7Page - Monolithic Power Systems MP3021 Datasheet HTML 8Page - Monolithic Power Systems MP3021 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP3021
1x, 1.5x, 2x Auto-Adjust Charge Pump
White LED Backlight Driver
MP3021 Rev. 1.0
www.MonolithicPower.com
1
11/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3021 is a WLED driver that can drive up
to 4 backlight WLEDs at up to 30mA each.
Backlight brightness is adjusted using a 5-bit
register plus one bit for precise low brightness
control.
The
MP3021
employs
a
super
efficient
inductorless charge pump with 1x, 1.5x and 2x
automatic mode control to achieve high
efficiency power conversions.
Monolithic Power System’s single wire MPCTM
serial data link provides a simple and fast
interface used to enable, disable and set
current levels for each LED. In addition,
soft-start limits the inrush current during startup
and mode switching.
Each output is current limited, providing
controlled brightness and short circuit protection.
Thermal shutdown protection guards against
excessive temperatures due to circuit loads and
shorts.
The tiny 3mm x 3mm QFN 16-pin package and
small external capacitors deliver the most
compact white LED solution available.
FEATURES
• Backlight: up to 4 WLEDs at 30mA Each
• Single Wire Serial Bus (MPCTM Serial Data Link)
Simple, Low Overhead Solution
Fast Data Transfer Rate
• Good Current Matching at Low LED Current
• Thermal Shutdown Protection
• Under-Voltage Protection
• Available in a 3mm x 3mm 16-Pin QFN Package
• Low EMI Noise
APPLICATIONS
• Cellular Phones
• PDA Phones
• PDAs
• Other Small Portable Displays
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
“MPC” is a Trademark of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP3021
LED0
LED1
LED2
LED3
CP
16
15
14
13
1
VIN
C1A
C1B
C2A
C2B
DATA
ISET
VSS
7
4
3
6
2
8
11
5
BATT
SINGLE PIN SERIAL PORT
D1
D2
D3
D4
120mA Total Backlight
COMMON ANODE
CONFIGURATION
100
90
80
70
60
50
40
30
20
2.5
3.0
3.5
4.0
4.5
BATTERY VOLTAGE (V)
Efficiency vs
Battery Voltage
I_LED=30mA
I_LED=20mA
I_LED=10mA


Similar Part No. - MP3021

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3021DQ MPS-MP3021DQ Datasheet
198Kb / 5P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Evaluation Board
More results

Similar Description - MP3021

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
120mA 1x/1.5x/2x Charge Pump for White LED
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
Monolithic Power System...
MP3001 MPS-MP3001 Datasheet
339Kb / 9P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight and Flashlight Driver
EV3021DQ-00A MPS-EV3021DQ-00A Datasheet
198Kb / 5P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Evaluation Board
EV3022DQ-00A MPS-EV3022DQ-00A Datasheet
153Kb / 5P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com