Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-331J Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-331J
Description  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-331J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ACPL-331J
1.5 Amp Output Current IGBT Gate Driver Optocoupler
with Integrated (VCE) Desaturation Detection, UVLO,
Fault Status Feedback and Active Miller Clamping
Data Sheet
Description
The ACPL-331J is an advanced 1.5 A output current, easy-
to-use, intelligent gate driver which makes IGBT VCE fault
protection compact, affordable, and easy-to implement.
Features such as integrated VCE detection, under
voltage lockout (UVLO), “soft” IGBT turn-off, isolated
open collector fault feedback and active Miller clamping
provide maximum design flexibility and circuit protec-
tion.
The ACPL-331J contains a GaAsP LED. The LED is optically
coupled to an integrated circuit with a power output
stage. ACPL-331J is ideally suited for driving power IGBTs
and MOSFETs used in motor control inverter applications.
The voltage and current supplied by these optocouplers
make them ideally suited for directly driving IGBTs with
ratings up to 1200 V and 100 A. For IGBTs with higher
ratings, the ACPL-331J can be used to drive a discrete
power stage which drives the IGBT gate. The ACPL-331J
has an insulation voltage of VIORM = 891 VPEAK.
Block Diagram
Features
• Under Voltage Lock-Out Protection (UVLO)
with Hysteresis
• Desaturation Detection
• Miller Clamping
• Open Collector Isolated fault feedback
• “Soft”IGBT Turn-off
• Fault Reset by next LED turn-on (low to high) after
fault mute period
• Available in SO-16 package
• Safety approvals: UL approved, 3750 VRMS for 1
minute, CSA approved, IEC/EN/DIN-EN 60747-5-2
approved VIORM = 891 VPEAK
Specifications
• 1.5 A maximum peak output current
• 1.0 A minimum peak output current
• 250 ns maximum propagation delay over
temperature range
• 100 ns maximum pulse width distortion (PWD)
• 15 kV/µs minimum common mode rejection (CMR)
at VCM = 1500 V
• ICC(max) < 5 mA maximum supply current
• Wide VCC operating range: 15 V to 30 V over
temperature range
• 1.0 A Miller Clamp. Clamp pin short to VEE if not used
• Wide operating temperature range: –40°C to 100°C
Applications
• Isolated IGBT/Power MOSFET gate drive
• AC and brushless DC motor drives
• Industrial inverters and Uninterruptible Power Supply
(UPS)
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
SHIELD
SHIELD
D
R
I
V
E
R
VE
DESAT
VCC2
VOUT
VCLAMP
VEE
VCC1
VS
FAULT
ANODE
CATHODE
VCLAMP
VLED
6, 7
5, 8
2
3
1, 4
13
11
14
9, 12
10
16
15
DESAT
UVLO
LED1
LED2
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


Similar Part No. - ACPL-331J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
More results

Similar Description - ACPL-331J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-333J AVAGO-ACPL-333J Datasheet
304Kb / 23P
2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com