Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-331J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-331J
Description  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-331J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image

Pin Description
Pin
Symbol
Description
1
VS
Input Ground
2
VCC1
Positive input supply voltage. (4.5 V to 5.5 V)
3
FAULT
Fault output. FAULT changes from a high impedance state
to a logic low output within 5 µs of the voltage on the
DESAT pin exceeding an internal reference voltage of 6.5 V.
FAULT output is an open collector which allows the FAULT
outputs from all ACPL-331J in a circuit to be connected
together in a “wired OR” forming a single fault bus for inter-
facing directly to the micro-controller.
4
VS
Input Ground
5
CATHODE
Cathode
6
ANODE
Anode
7
ANODE
Anode
8
CATHODE
Cathode
9
VEE
Output supply voltage.
10
VCLAMP
Miller clamp
11
VOUT
Gate drive voltage output
12
VEE
Output supply voltage.
13
VCC2
Positive output supply voltage
14
DESAT
Desaturation voltage input. When the voltage on DESAT
exceeds an internal reference voltage of 6.5 V while the
IGBT is on, FAULT output is changed from a high impedance
state to a logic low state within 5 µs.
15
VLED
LED anode. This pin must be left unconnected for guaran-
teed data sheet performance. (For optical coupling testing
only)
16
VE
Common (IGBT emitter) output supply voltage.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
Ordering Information
ACPL-331J is UL Recognized with 3750 Vrms for 1 minute per UL1577.
Part number
Option
Package
Surface
Mount
Tape& Reel
IEC/EN/DIN EN
60747-5-2
Quantity
RoHS Compliant
ACPL-331J
-000E
SO-16
X
X
45 per tube
-500E
X
X
X
850 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
ACPL-331J-500E to order product of SO-16 Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN
60747-5-2 Safety Approval in RoHS compliant.
Example 2:
ACPL-331J-000E to order product of SO-16 Surface Mount package in tube packaging with IEC/EN/DIN EN 60747-5-
2 Safety Approval and RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since 15th July 2001 and
RoHS compliant option will use ‘-XXXE‘.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com