Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-331J Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-331J
Description  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-331J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
1
Figure 18. IOH Pulsed test circuit
Figure 19. IOL Pulsed test circuit
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
+_
10mA
+_
0.1µF
0.1µF
15V Pulsed
IOUT
30V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
+_
10mA
+_
0.1µF
0.1µF
0.1µF
0.1µF
15V Pulsed
IOUT
30V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
+_
+_
0.1µF
0.1µF
15V Pulsed
IOUT
30V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
+_
+_
0.1µF
0.1µF
0.1µF
0.1µF
15V Pulsed
IOUT
30V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
+_
0.1µF
0.1µF
100mA
VOUT
30V
10mA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
+_
0.1µF
0.1µF
0.1µF
0.1µF
100mA
VOUT
30V
10mA
10mA
Figure 20. VOH Pulsed test circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com