Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-331J Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-331J
Description  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-331J Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
1
Figure 35. Output pull-down resistor.
DESAT Pin Protection Resistor
The freewheeling of flyback diodes connected across
the IGBTs can have large instantaneous forward voltage
transients which greatly exceed the nominal forward
voltage of the diode. This may result in a large negative
voltage spike on the DESAT pin which will draw substan-
tial current out of the driver if protection is not used. To
limit this current to levels that will not damage the driver
IC, a 100 ohm resistor should be inserted in series with
the DESAT diode. The added resistance will not alter the
DESAT threshold or the DESAT blanking time.
Figure 36. DESAT pin protection.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
RG
RPULL-DOWN
VCC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
RG
RPULL-DOWN
VCC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VE
VLED
DESAT
VCC2
VEE
VOUT
VCLAMP
VEE
VS
VCC1
FAULT
VS
CATHODE
ANODE
ANODE
CATHODE
RG
VCC
100 Ω
100pF
DDESAT
VCC
Under Voltage Lockout
The ACPL-331J Under Voltage Lockout (UVLO) feature is
designed to prevent the application of insufficient gate
voltage to the IGBT by forcing the ACPL-331J output
low during power-up. IGBTs typically require gate
voltages of 15 V to achieve their rated VCE(ON) voltage.
At gate voltages below 13 V typically, the VCE(ON) voltage
increases dramatically, especially at higher currents. At
very low gate voltages (below 10 V), the IGBT may operate
in the linear region and quickly overheat. The UVLO
function causes the output to be clamped whenever in-
sufficient operating supply (VCC2) is applied. Once VCC2
exceeds VUVLO+ (the positive-going UVLO threshold), the
UVLO clamp is released to allow the device output to turn
on in response to input signals. As VCC2 is increased from
0 V (at some level below VUVLO+), first the DESAT protec-
tion circuitry becomes active. As VCC2 is further increased
(above VUVLO+), the UVLO clamp is released. Before the
time the UVLO clamp is released, the DESAT protection
is already active. Therefore, the UVLO and DESAT Fault
detection feature work together to provide seamless pro-
tection regardless of supply voltage (VCC2).
Active Miller Clamp
A Miller clamp allows the control of the Miller current
during a high dV/dt situation and can eliminate the use
of a negative supply voltage in most of the applications.
During turn-off, the gate voltage is monitored and the
clamp output is activated when gate voltage goes below
2V (relative to VEE). The clamp voltage is VOL+2.5V typ
for a Miller current up to 1100mA. The clamp is disabled
when the LED input is triggered again.
Other Recommended Components
The application circuit in Figure 33 includes an output
pull-down resistor, a DESAT pin protection resistor, a
FAULT pin capacitor, and a FAULT pin pullup resistor and
Active Miller Clamp connection.
Output Pull-Down Resistor
During the output high transition, the output voltage
rapidly rises to within 3 diode drops of VCC2. If the output
current then drops to zero due to a capacitive load, the
output voltage will slowly rise from roughly VCC2-3(VBE)
to VCC2 within a period of several microseconds. To limit
the output voltage to VCC2-3(VBE), a pull-down resistor,
RPULL-DOWN between the output and VEE is recommended
to sink a static current of several 650 µA while the output
is high. Pull-down resistor values are dependent on the
amount of positive supply and can be adjusted according
to the formula, Rpull-down = [VCC2-3 * (VBE)] / 650 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com