Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-331J Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-331J
Description  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-331J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Table 1. IEC/EN/DIN EN 60747-5-2 Insulation Characteristics*
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 600 Vrms
I – IV
I – IV
I – III
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
891
Vpeak
Input to Output Test Voltage, Method b**,
VIORM x 1.875=VPR, 100% Production Test with tm=1 sec, Partial discharge < 5
pC
VPR
1670
Vpeak
Input to Output Test Voltage, Method a**,
VIORM x 1.5=VPR, Type and Sample Test, tm=60 sec, Partial discharge < 5 pC
VPR
1336
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage tini = 10 sec)
VIOTM
6000
Vpeak
Safety-limiting values – maximum values allowed in the event of a failure
Case Temperature
TS
175
°C
Input Current
IS, INPUT
400
mA
Output Power
PS, OUTPUT
1200
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
W
* Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.
Surface mount classification is class A in accordance with CECCOO802.
** Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section IEC/EN/
DIN EN 60747-5-2, for a detailed description of Method a and Method b partial discharge test profiles.
Dependence of Safety Limiting Values on Temperature. (take from DS AV01-0579EN Pg.7)
Regulatory Information
The ACPL-331J is approved by the following organizations:
UL
Approval under UL 1577, component recognition
program up to VISO = 3750 VRMS. File E55361.
CSA
Approval under CSA Component Acceptance Notice #5,
File CA 88324.
IEC/EN/DIN EN 60747-5-2
Approval under:
IEC 60747-5-2 :1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01
0
0
S
T - CASE TEMPERATURE - °C
200
1200
800
25
1400
50 75 100
400
150 175
PS , OUTPUT
PS , INPUT
125
200
600
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com