Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-331J Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-331J
Description  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-331J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image

Dimensions in inches (millimeters)
Notes: Initial and continued variation in the color of the ACPL-
331J’s white mold compound is normal and does note affect device
performance or reliability.
Floating Lead Protrusion is 0.25 mm (10 mils) max.
ACPL-331J 16-Lead Surface Mount Package
Package Outline Drawings
9
0.295 ± 0.010
(7.493 ± 0.254)
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
0.018
(0.457)
0.138 ± 0.005
(3.505 ± 0.127)
9°
0.406 ± 0.10
(10.312 ± 0.254)
0.408 ± 0.010
(10.363 ± 0.254)
0.025 MIN.
0.008 ± 0.003
(0.203 ± 0.076)
STANDOFF
0.345 ± 0.010
(8.763 ± 0.254)
0- 8°
0.018
(0.457)
0.050
(1.270)
ALL LEADS
TO BE
COPLANAR
± 0.002
A 332J
YYWW
TYPE NUMBER
DATE CODE
0.458 (11.63)
0.085 (2.16)
0.025 (0.64)
LAND PATTERN RECOMMENDATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com