Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4652ES Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4652ES
Description  HIGH PERFORMANCE OFF-LINE TV LED DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4652ES Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4652ES Datasheet HTML 1Page - Monolithic Power Systems MP4652ES Datasheet HTML 2Page - Monolithic Power Systems MP4652ES Datasheet HTML 3Page - Monolithic Power Systems MP4652ES Datasheet HTML 4Page - Monolithic Power Systems MP4652ES Datasheet HTML 5Page - Monolithic Power Systems MP4652ES Datasheet HTML 6Page - Monolithic Power Systems MP4652ES Datasheet HTML 7Page - Monolithic Power Systems MP4652ES Datasheet HTML 8Page - Monolithic Power Systems MP4652ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MP4652—HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652 Rev.1.01
www.MonolithicPower.com
2
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
SIMPLIFIED TYPICAL APPLICATION
VIN
EN
PWM
400V GND
400V
REF
REF
OVP1
10
11
12
5V* (See Note)
OCP
PWMOUT
PWMOUT
SYNC
EN
FB
VCC
BFS
FSET
FT
GND
GL
PWMOUT
VIN
GR
OVP
PWMIN
COMP
1
2
3
4
5
6
7
8
9
MP4652
13
14
15
16
SSD
OVP1
OCP
400V GND
.
.
.
.
.
.
OVP2
OVP2
REF
FCOMP
FCOMP
IREF
MP4652 LLC Application: Recommended for PWM dimming frequencies from 100Hz to 2kHz
*Note: The 5V could be an accurate reference voltage generated from a TL431.
VIN
EN
Dim
400V GND
400V
REF
REF
FB
OVP
10
11
12
FB
OCP
PWM
OUT
PWM
OUT
SYNC
EN
FB
VCC
BFS
FSET
FT
GND
GL
PWMOUT
VIN
GR
OVP
PWMIN
COMP
1
2
3
4
5
6
7
8
9
MP4652
13
14
15
16
SSD
SYNC
SYNC
SYNC
OVP
OCP
400V GND
.
.
.
Half Bridge Application: Recommended for PWM Dimming Frequencies Greater Than 2kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com