Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4652ES Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4652ES
Description  HIGH PERFORMANCE OFF-LINE TV LED DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4652ES Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4652ES Datasheet HTML 11Page - Monolithic Power Systems MP4652ES Datasheet HTML 12Page - Monolithic Power Systems MP4652ES Datasheet HTML 13Page - Monolithic Power Systems MP4652ES Datasheet HTML 14Page - Monolithic Power Systems MP4652ES Datasheet HTML 15Page - Monolithic Power Systems MP4652ES Datasheet HTML 16Page - Monolithic Power Systems MP4652ES Datasheet HTML 17Page - Monolithic Power Systems MP4652ES Datasheet HTML 18Page - Monolithic Power Systems MP4652ES Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP4652—HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652 Rev. 1.01
www.MonolithicPower.com
16
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Power Stage
The power stage is a half-bridge LLC topology.
The primary side is composed of Q4, Q3, C19
and T2. The LLC resonant network is composed
of the leakage inductance of T2, the magnetic
inductance of T2, and C19. Q4 and Q3 should be
chosen to handle the input voltage and the LLC
current. Consider the operating frequency, the
input condition and the output condition when
selecting
the
resonant
cap,
the
leakage
inductance, and the magnetic inductance. Refer
to MP4652 LLC design notes for details.
On the secondary side, the diodes D6, D8, D9,
and D10 rectify the LLC current. These diodes
must be able to handle the output voltage and
the output current: they are 200V/3A diodes in
this circuit. The balance cap C23 blocks the
different voltage of the 2 LED strings and
balances the currents through them. The value of
C23 is usually between 0.22μF and 1μF. Its
voltage must be higher than the output voltage
because of the LED string short condition. The
output capacitors C28 and C29 filter the ripple
current of the LLC output current to obtain a DC
current for the LED strings. C28 and C29 also
store the energy from the primary side at the
PWM off interval, as MP4652 implements
continuous gate driver at PWM off interval to
eliminate the audible noise. The value of C28
and C29 must be large enough to handle this
energy to prevent excessive output voltage
spikes: Capacitor values from 4.7μF to 22μF are
typical for this application. The voltage stress of
these output capacitors should be higher than the
maximum output voltage.
Control Circuit
MP4652 controls the power MOSFETs Q3 and
Q4 in the power stage through the gate driver
transformer T1. As MP4652 outputs regulated 9V
gate driver signals, the turn ratio of T1 goes from
1:1:1 to 1:1.5:1.5. With its enhanced gate driver
capability and regulated driver voltage, MP4652
can directly drive the MOSFETs through the gate
driver transformer.
Because an LLC is a frequency-controlled power
stage, MP4652 uses an external amplifier U3 to
regulate the LED current and output the
frequency control voltage. During the PWM ON
interval, PWMOUT is high and the dimming
MOSFET Q8 turns on. The LED current feeds
back to the inverting input of U3. With the
compensation network, U3 outputs the frequency
control voltage and regulates the LED current.
During the PWM OFF interval, the dimming
MOSFET turns off, and LED current feedback
goes low. An external voltage applied to the
inverting input of U3 through D5 pulls the output
of U3 low. This design helps the circuit work at a
high frequency during the PWM OFF interval and
limits the output energy delivered from the
primary side to the secondary side.
Together with the output capacitors C28 and C29,
this circuit helps to eliminate current overshot
during PWM ON. The signal MOSFETs Q6 and
Q7 are turned off during the PWM OFF interval,
and C21 and C24 can hold their value during this
time. This helps the control loop to respond
quickly during the PWM ON interval and to
achieve fast PWM dimming.
R35 and C12 on the FSET pin form a frequency
soft-start circuit at start up.
The maximum output voltage is fed back to OVP
pin through the voltage dividers. MP4652 can
protect the open LED condition through the OVP
pin. When the voltage on OVP pin is higher than
2.38V for 7μs, IC enters Fault Mode.
The secondary side current is fed back to SSD
pin through R47, R46 and C25. When short
condition occurs, the secondary side current
grows and the SSD voltage falls. When SSD
voltage falls below 2.36V for 7μs, the IC enters
fault mode.
In Fault Mode, the PWMOUT pulls low. The
device then outputs an error signal to the system
with the addition of an external logic circuit,.
Please refer to the design notes for details of the
components selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com