Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4652ES Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4652ES
Description  HIGH PERFORMANCE OFF-LINE TV LED DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4652ES Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4652ES Datasheet HTML 9Page - Monolithic Power Systems MP4652ES Datasheet HTML 10Page - Monolithic Power Systems MP4652ES Datasheet HTML 11Page - Monolithic Power Systems MP4652ES Datasheet HTML 12Page - Monolithic Power Systems MP4652ES Datasheet HTML 13Page - Monolithic Power Systems MP4652ES Datasheet HTML 14Page - Monolithic Power Systems MP4652ES Datasheet HTML 15Page - Monolithic Power Systems MP4652ES Datasheet HTML 16Page - Monolithic Power Systems MP4652ES Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP4652—HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652 Rev.1.01
www.MonolithicPower.com
13
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Figure 5 shows synchronized PWM dimming with
DC input. The synchronizing signal is filtered by a
high pass filter. Its rising edge is caught and used
to synchronize the triangle waveform on the BFS
pin. The synchronizing frequency should be
higher than that set by BFS pin and the
amplitude of the synchronizing signal should be
higher than 1.4V.
Table 1—Function Mode
Pin Connection
Function
PWMIN
BFS
SYNC
PWM dimming with
DC Input Voltage
*0V to
1.2V
CBFS, RBFS
GND
PWM dimming with
DC Input Voltage
and Synchronizing
frequency
*0V to
1.2V
CBFS, RBFS
R,C,D
network
PWM dimming with
direct PWM input
PWM
To VCC
through
20kΩ
resistor
GND
Note:
*:Burst Brightness Polarity: 100% duty cycle at PWM voltage 1.2V.
Pin 11 (EN):
Pull this pin high to enable the chip, and pull it
low to disable the chip.
Pin 12 (VIN):
Supply voltage input. Bypass the supply voltage
with a 0.1μF or larger ceramic capacitor
Pin 13 (VCC):
This pin provides the gate driver supply voltage.
Its typical value is 9.7V. Connect a 1μF or greater
ceramic capacitor to this pin to bypass the supply
voltage. This voltage is also used to supply the
external control circuit.
Pin 14(GL), Pin 16 (GR):
Gate driver signals output. GL and GR are 180-
degree phase-shifted driver signals. GL and GR
can directly drive the external MOSFETs in the
off-line system through a gate driver transformer
with enhanced driver capability. Connect two
5.1Ω resistors in series with GL and GR to
reduce the EMI noise.
Place a 2.2nF Y capacitor between the primary
reference ground and the secondary reference
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com