Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4652ES Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4652ES
Description  HIGH PERFORMANCE OFF-LINE TV LED DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4652ES Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4652ES Datasheet HTML 7Page - Monolithic Power Systems MP4652ES Datasheet HTML 8Page - Monolithic Power Systems MP4652ES Datasheet HTML 9Page - Monolithic Power Systems MP4652ES Datasheet HTML 10Page - Monolithic Power Systems MP4652ES Datasheet HTML 11Page - Monolithic Power Systems MP4652ES Datasheet HTML 12Page - Monolithic Power Systems MP4652ES Datasheet HTML 13Page - Monolithic Power Systems MP4652ES Datasheet HTML 14Page - Monolithic Power Systems MP4652ES Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP4652—HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652 Rev.1.01
www.MonolithicPower.com
11
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Pin 1 (OVP):
This pin is used for over-voltage protection.
When the output voltage to this pin exceeds
2.38V for 7μs, the Fault Mode is triggered. For
applications involving multiple LED strings, apply
the maximum output voltage of the LED strings to
this pin.
Pin 3 (SSD):
This short string detection pin is used for
protection against shorts along any point of the
LED string to ground. The SSD pin monitors the
secondary side current. When the voltage on this
pin falls below 2.36V for 7μs, the IC treats the
condition as a short and triggers the Fault Mode.
Pin 4 (FB):
This pin is used for LED current regulation. The
voltage on this pin is regulated by an external
circuit with a 0.6V average value. Use a sample-
hold circuit to sense the LED current when the
PWM goes high, and hold the value when the
PWM goes low.
The FB pin also functions as short string
protection. When the voltage on FB exceeds
1.2V for 7μs, the IC triggers the Fault Mode.
For frequency-controlled application like an LLC
power stage, the LED current is regulated with an
external-frequency control loop. Connect FB to
ground and set the IC to operate at the maximum
duty cycle.
Pin 5 (COMP):
This pin is used for compensation purposes. For
PWM-controlled applications, such as half-bridge
and flyback power stages, connect an X7R
ceramic capacitor with a value between 47nF and
470nF from COMP to GND. The value of this
capacitor determines the stability of the LED
current regulation.
For frequency-controlled applications like the
LLC power stage, connect a 1nF capacitor to the
COMP pin.
Pin 6 (FT):
Connect a capacitor from this pin to GND to set
the fault timer. This sets the system recovery
time after detecting a fault condition.
A
C
V
T
FT
FT
μ
8
38
.
2
×
=
A 10nF capacitor on FT sets the delay time to
around 3ms
If the circuit requires a latch-up for Fault Mode,
connect this pin to a 200kΩ resistor.
Pin 8 (FSET):
This pin is used to set the operating frequency.
The source current through this pin determines
the operating frequency.
For fixed-operating–frequency PWM-controlled
applications—like half-bridge and flyback power
stages—connect a resistor from this pin to GND
to set the operating frequency (fo). The value for
this resistor RFSET is calculated by
o
FSET
f
R
9
10
25
.
1
×
=
For an operating frequency of 50kHz, RFSET =
25kΩ.
For frequency-controlled applications like LLC,
connect the control voltage to FSET pin through
a resistor, as shown in Figure 3. This control
voltage programs the source current through this
pin to control the operating frequency.
FSET
IRef
ILED
MP4652
Vcontrol
Figure 3—FSET Set Up for Frequency
Controlled Application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com