Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4652ES Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4652ES
Description  HIGH PERFORMANCE OFF-LINE TV LED DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4652ES Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4652ES Datasheet HTML 1Page - Monolithic Power Systems MP4652ES Datasheet HTML 2Page - Monolithic Power Systems MP4652ES Datasheet HTML 3Page - Monolithic Power Systems MP4652ES Datasheet HTML 4Page - Monolithic Power Systems MP4652ES Datasheet HTML 5Page - Monolithic Power Systems MP4652ES Datasheet HTML 6Page - Monolithic Power Systems MP4652ES Datasheet HTML 7Page - Monolithic Power Systems MP4652ES Datasheet HTML 8Page - Monolithic Power Systems MP4652ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP4652—HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652 Rev.1.01
www.MonolithicPower.com
3
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP4652ES
SOIC16
MP4652ES
-20°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP4652ES–Z)
For RoHS compliant packaging, add suffix –LF (e.g. MP4652ES–LF–Z)
PACKAGE REFERENCE
OVP
SYNC
SSD
FB
GR
GND
GL
VCC
1
2
3
4
16
15
14
13
VIN
EN
PWMIN
BFS
12
11
10
9
COMP
FT
PWMOUT
FSET
5
6
7
8
TOP VIEW
PIN 1 ID
ABSOLUTE MAXIMUM RATINGS
(1)
Input Voltage VIN .......................................... 35V
VCC, GL, GR .............................-0.3V to +10.7V
FB, SSD.......................................-5.8V to +5.8V
Other Pins....................................-0.3V to +6.5V
Continuous Power Dissipation (TA = 25°C)
(2)
……………………………………………….1.56W
Junction Temperature...............................150°C
Lead Temperature (Solder).......................260°C
Operating Frequency .............. 20kHz to 150kHz
Storage Temperature............... -55°C to +150°C
Recommended Operating Conditions
(3)
Input Voltage VIN .................................9V to 30V
Maximum Junction Temp. (TJ) ..................125°C
Thermal Resistance
(4)
θJA
θJC
SOIC16 ...................................80 ...... 35 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX) =
(TJ(MAX)-TA)/ θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com