Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4652ES Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4652ES
Description  HIGH PERFORMANCE OFF-LINE TV LED DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4652ES Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4652ES Datasheet HTML 2Page - Monolithic Power Systems MP4652ES Datasheet HTML 3Page - Monolithic Power Systems MP4652ES Datasheet HTML 4Page - Monolithic Power Systems MP4652ES Datasheet HTML 5Page - Monolithic Power Systems MP4652ES Datasheet HTML 6Page - Monolithic Power Systems MP4652ES Datasheet HTML 7Page - Monolithic Power Systems MP4652ES Datasheet HTML 8Page - Monolithic Power Systems MP4652ES Datasheet HTML 9Page - Monolithic Power Systems MP4652ES Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MP4652—HIGH PERFORMANCE OFF-LINE TV LED DRIVER
MP4652 Rev.1.01
www.MonolithicPower.com
6
9/23/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
OVP
Over Voltage Protection. The output voltage is sensed by this pin through a voltage divider. If
the voltage at OVP exceeds 2.38V for 7µs, the Fault Mode is triggered.
2
SYNC
Synchronization. For burst dimming frequency. Application of a narrow-pulse synchronizing
signal on this pin will synchronize the burst frequency on BFS pin. The frequency of the
synchronizing signal should be higher than the frequency set by BFS pin.
3
SSD
Short String Detection. A comparator is integrated in this pin for short string protection. If the
voltage on this pin falls below 2.36V for 7µs, the Fault Mode is triggered.
4
FB
LED Current Feedback Input. The average voltage at this pin is regulated to 0.6V by an
internal error amplifier.
The voltage on this pin is also used for short string detection. When the voltage on this pin
goes higher than 1.2V for 7µs, the IC recognizes this as short string condition and triggers
the Fault Mode.
For fixed-operating–frequency PWM-controlled applications—such as half-bridge, flyback or
other topologies—shunt a current-sensing resistor from the cathode of the LED to ground
and use a sample-hold circuit to feed the LED current to FB pin. The sample-hold circuit
should hold the sensed current value on FB pin at PWM off interval.
For frequency controlled applications, like the LLC topology, the LED current is regulated
through an external amplifier, pull FB to ground and let IC operate with maximum duty cycle.
5
COMP
Feedback Compensation Node. For fixed-operating–frequency PWM-controlled applications,
connect a compensation capacitor or an R-C network from this pin to GND.
For frequency controlled applications, like the LLC topology, connect a 1nF cap on this pin.
6
FT
Fault Timer. Connect a timing capacitor from this pin to GND to set the fault timer to recover
the system. When the voltage on this pin goes higher than the 2.38V threshold, the IC
recovers.
If the system requires a latch up for Fault Mode, connect a resistor smaller than 250kΩ to this
pin.
7
PWMOUT
PWM Dimming Control Output. This pin outputs the PWM dimming driver signal to the LED
dimming MOSFET for fast PWM dimming. In Fault Mode PWMOUT is pulled low.
8
FSET
Frequency Set. The source current through this pin determines the operating frequency of
the MP4652.
For fixed-operating–frequency PWM-controlled applications, connect a resistor from this pin
to GND to set the operating frequency. For typical applications, a 25kΩ resistor sets the
operating frequency at 50kHz.
For frequency controlled applications (like LLC), apply the control voltage (the output of the
regulation loop) to this pin through a resistor. This control voltage programs the source
current through the FSET pin and thus controls the operating frequency.
9
BFS
Burst Frequency Set. For DC input PWM dimming. Connect a resistor in parallel with a
capacitor from BFS to GND. The resistor and capacitor programs the burst frequency.
For direct PWM input PWM dimming, pull up BFS to VCC with a 20kΩ resistor and apply the
PWM signal to the PWMIN pin.
10
PWMIN
PWM Dimming Control Input. For DC input PWM dimming, the voltage range from 0 V to
1.2V at PWMIN linearly sets the PWM dimming duty cycle from 0 to 100%.
For direct PWM input PWM dimming, directly apply the PWM signal on this pin. The MP4652
has positive dimming polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com