Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD515 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FD515
Description  Standard Heavy Duty Limit Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD515 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FD515 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 7Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Programmable head – lever operation models
Standard actuator options – FD and FP series
FD/FP/FL
Actuator type 01
Piston plunger
Operating force min.
OF
820g
Pre-travel
PT
2mm
Over-travel
OT
4mm
Movement differential
MD
1mm
Operating point
OP
22mm
Operating speed max.
OS
0.5m/s
Actuator type 02
One-way roller - top actuated
OF
615g
PT
2.9mm
OT
5.6mm
MD
1.6mm
OP
49.1mm
OS
0.5m/s using a 30˚ cam
Note: ø20mm plastic roller as standard,
ø20mm metal roller actuator part no.: 021
Actuator type 11
Long piston plunger
OF
820g
PT
2mm
OT
4mm
MD
1mm
OP
35mm
OS
0.5m/s
Actuator type 10
Sealed piston plunger
OF
1125g
PT
2mm
OT
4mm
MD
1mm
OP
35mm
OS
0.5m/s
Actuator type 05
One-way roller-side actuated
OF
615g
PT
2.9mm
OT
5.6mm
MD
1.6mm
OP
–
OS
0.5m/s using a 30˚ cam
Note: ø20mm plastic roller as standard,
ø20mm metal roller actuator part no.: 051
All limit switches with lever operation in the FD/FP/FL ranges can be user-set to switch by clockwise rotation only, anti-
clockwise only or both. To change the operation, which is factory set to switch in both directions, the four screws securing
the turret head should be loosened, the head removed and the internal piston rotated through 90˚. The head should then be
replaced.
The models to which this applies are: 531; 532; 533; 535; 536; 538; 551; 552; 553.
Figure 1 shows the piston position for switching in both directions, figure 2 for clockwise only and figure 3 for anti-
clockwise only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com