Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD515 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FD515
Description  Standard Heavy Duty Limit Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD515 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FD515 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 7Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Standard Heavy Duty
Limit Switches
FD/FP/FL
Heavy duty limit switches with snap-action contacts and
positive break according to BS/EN60947-5-1.
s
Bifurcated contacts for low resistance and high reliability
– suitable for switching low-level electronic currents
s
Double-break contacts with electrically separate NO and
NC circuits in conformity with VDE 0660 part 206
s
10A 500VAC/600VDC rated
s
Lever types can be user-set to switch by clockwise
movement only, anti-clockwise only or both
s
Turret head position rotatable in 90˚ increments
s
Centre-position indicator arrow – lever actuators
s
Wide range of actuators
s
Single and triple cable entry models
s
Removable contact block for ease of wiring
s
Metal or plastic housing options
s
IP66 according to BS EN60947-1
s
FD and FP dimensions in accordance with EN50041
s
Approvals: UL, CSA
Options and ordering codes
Specifications
Contact ratings
Terminal connections
FD
FP
FL
5
6
7
9
10
11
20
21
22
2
–
385
L313
L353
L354
FD
5
01
Heavy duty metal housing
Heavy duty plastic housing
Triple entry metal housing
Snap-action contacts, 1NO + 1NC
Slow-action, break before make 1NO + 1NC
Slow-action, make before break 1NO + 1NC
Slow-action contacts, 2NC
Slow-action contacts, 2NO
Snap-action contacts, 2NC
Slow-action contacts, break before make 2NC + 1NO
Slow-action contacts, break before make 3NC
Slow-action contacts, break before make 1NC + 2NO
Snap-action contacts, 2NO + 2NC
Standard actuators – options overleaf
38
Lift-style turret with 75˚ total travel
Lift-style turret with 90˚ total travel
Specify lever type for lift-style switch:
Fixed position roller
Single adjustment roller
Dual adjustment roller
Please note: Positive break
applies to the NC contacts of
types 5, 6, 7, 9, 11, 20, 21
and 22 only.
Rated thermal current Ith
10A
Rated working voltage
500VAC/600VDC
Maximum operating frequency
6000/hour
Mechanical life
>20 million operations
Contact form
1NO + 1NC
Initial contact resistance
<25 mOhms
Contact gap
>2.5mm (2 x 1.25mm conforming to VDE 0660 part 206)
Contact material
silver
Dielectric strength
2000VAC, 50/60Hz for 1 minute between open contacts
2000VAC, 50/60Hz for 1 minute between current-carrying parts and ground
Protection rating
IP66
Ambient operating temperature
–25 to +80 deg. C
Ambient humidity
95% R.H.
Maximum wire size
2 x 1.5mm2 flexible, 2 x 2.5mm2 solid
Housing material
FD/FL: die-cast metal alloy, FP: self-extinguishing, glass-reinforced, thermoplastic resin
Conduit entr y
PG 13.5
BS/EN 60947-5-1
AC15 – Control of AC electromagnetic
230VAC
6A
loads>72VA sealed – replaces AC11
400VAC
4A
500VAC
1A
DC13 – Control of DC electromagnetic
24VDC
6A
loads where the time taken to reach
125VDC
1.1A
95% of the rated current is equal to
250VDC
0.4A
6 times the power of the load (where P<50W) – replaces DC11
Terminal screws: M3.5 with rising cable clamps.
Standard contacts (type 5) NO: 13-14, NC: 21-22
Note: The positive break of the type 5 contact block applies to the NC contacts
only. Connections to safety circuits should NOT be made using the NO
contacts.
To ensure positive breaking of the contacts, exceed the pre-travel by 1.5mm or
25˚ according to the model.
Maximum screw tightening torque 0.8Nm (8Kg cm)


Similar Part No. - FD515

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
FD5150T-25.0M-PLE PLETRONICS-FD5150T-25.0M-PLE Datasheet
213Kb / 12P
Programmable CMOS Clock Oscillator
FD5150T-25.0M-PLE-1K PLETRONICS-FD5150T-25.0M-PLE-1K Datasheet
213Kb / 12P
Programmable CMOS Clock Oscillator
FD5150T-25.0M-PLE-T250 PLETRONICS-FD5150T-25.0M-PLE-T250 Datasheet
213Kb / 12P
Programmable CMOS Clock Oscillator
FD5150T-25.0M-PLE-T500 PLETRONICS-FD5150T-25.0M-PLE-T500 Datasheet
213Kb / 12P
Programmable CMOS Clock Oscillator
FD5150T-32.768K PLETRONICS-FD5150T-32.768K Datasheet
134Kb / 11P
CMOS Clock Oscillator
More results

Similar Description - FD515

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HNF361R ETC2-HNF361R Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
HF361J ETC2-HF361J Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
E50RA ETC2-E50RA Datasheet
465Kb / 11P
Limit Switches E50 Heavy-Duty Plug-In Switches
HNF361J ETC2-HNF361J Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
HNF364 ETC2-HNF364 Datasheet
1,011Kb / 5P
Heavy Duty Safety Switches
logo
Littelfuse
5520 LITTELFUSE-5520 Datasheet
716Kb / 2P
STANDARD HEAVY DUTY TOGGLE SWITCHES
2021 Rev: 020821-B
logo
Moujen Global Co., Ltd.
M4-4 MOUJEN-M4-4 Datasheet
3Mb / 12P
Compact Heavy Duty Limit Switch
MJ-7 MOUJEN-MJ-7 Datasheet
4Mb / 15P
Heavy Duty Limit Switch
MJ1-6 MOUJEN-MJ1-6 Datasheet
3Mb / 12P
Heavy Duty Limit Switch
logo
Honeywell Solid State E...
HDLS HONEYWELL-HDLS Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com