Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD515 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FD515
Description  Standard Heavy Duty Limit Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD515 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FD515 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 7Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Standard actuator options – FD and FP series
FD/FP/FL
Actuator type 15
Sealed roller piston plunger
OF
1125g
PT
2mm
OT
4mm
MD
1mm
OP
48mm
OS
0.5m/s using a 30˚ cam
Note: ø13mm metal roller only
Actuator type 20
Sealed coil spring with flexible rod
OF
125g at 2/3 the length of the actuator
PT
14˚
OT
–
MD
7˚
OP
–
OS
1m/s
Notes: Not suitable for safety circuits
Not suitable for use with contact blocks 20, 21
or 22
Actuator type 18
Rolling ball piston plunger
OF
820g
PT
2mm
OT
4mm
MD
1mm
OP
39mm
OS
0.5m/s
Actuator type 16
Roller piston plunger
OF
820g
PT
2mm
OT
4mm
MD
1mm
OP
48mm
OS
0.5m/s using a 30˚ cam
Note: ø13mm metal roller only
Actuator type 21
Sealed coil spring with cat’s whisker
OF
92g at 2/3 the length of the actuator
PT
14˚
OT
–
MD
7˚
OP
–
OS
1m/s
Notes: Not suitable for safety circuits
Not suitable for use with contact blocks 20,
21 or 22
Actuator type 32
Adjustable round steel rod lever
Actuator type 33
Adjustable square steel rod lever (rod
3x3x125)
OF
1530gcm
PT
30˚
OT
45˚
MD
14˚
OP
–
OS
1.5m/s
Note: Lever position adjustable over 360˚ in
10˚ increments
Actuator type 31
Roller-lever with small offset
OF
1530gcm
PT
30˚
OT
45˚
MD
14˚
OP
–
OS
1.5m/s using a 30˚ cam
Notes: 1. ø20mm plastic roller as standard,
ø20mm metal roller actuator part no.:311; ø35mm
plastic roller actuator part no.:312; ø50mm rubber
roller actuator part no.:313. 2. Lever position
adjustable over 360˚ in 10˚ increments
Actuator type 25
Sealed coil spring
OF
195g at 2/3 the length of the actuator
PT
14˚
OT
–
MD
7˚
OP
–
OS
1m/s
Notes: Not suitable for safety circuits
Not suitable for use with contact blocks 20,
21 or 22



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com