Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD515 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FD515
Description  Standard Heavy Duty Limit Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD515 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  FD515 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 7Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FD/FP/FL
Lift-style switches
Replacement contact blocks
Cable glands
Plug and socket limit switches
FD538 or FD5385 or FD938 + L313
FP538 or FP938 + L313
Turret type 38
Lever type L313 (fixed position roller)
FD538 or FD5385 or FD938 + L353
FP538 or FP938 + L353
Turret type 38
Lever type L353 (single adjustment roller)
FD538 or FD5385 or FD938 + L354
FP538 or FP938 + L354
Turret type 38
Lever type L354 (dual adjustment roller)
All FD/FP/FL series limit switches can be converted to a plug-in style
by the addition of an adaptor.
The adaptor is screwed into the limit switch and the four flying leads
connected to the four terminals of the contact block.
Suitable 4-wire plug leads are available – see pages 332 to 335.
Ratings
250VAC/300VDC
3A
IP67
1NO+1NC
Positive break
B5
Snap action
Zb
standard contact block
1NO+1NC
Positive break
B6
Slow action
Zb
break before make
1NO+1NC
Positive break
B7
Slow action
Zb
make before break
2NC
Positive break
B9
Slow action, contacts
11-12, 21-22 open at the
same time
Zb
B14
Positive break
Slow action, contacts 11-12 open first, further
actuator travel causes contacts 21-22 to open
2NO
Slow action, contacts
B10
13-14, 23-24 close at the
same time
B15
Slow action, contacts 13-14 close first, further
actuator travel causes contacts 23-24 to close
2NO+2NC
B2
Snap action, double pole
Cable glands are available to enable standard multi-core cables to be connected without the use of conduit.
Three sizes are possible:
Part number PG13.5 Cable size ø9-12mm Part number PG13.5/6 Cable size ø6-9mm
Part number G13.5 Cable size ø9-12mm (type FD only)
13
14
21
22
13
14
21
22
13
14
21
22
11
12
21
22
13
14
23
24
13
14
21
22
43
44
31
32
300mm
flying leads
Part number
8R4D26E03C3003
s Three lever options.
s FL model also available with a choice of lever.
s Age-resistant and oil-resistant rubber rollers.
s Lever position adjustable over 360˚ in 10˚ increments.
s Head rotatable in 90˚ increments.
s User-selectable to switch by clockwise movement only, anti-
clockwise only, or both.
s Glass-reinforced thermoplastic resin model (FP) double
insulated for electrical safety.
s Die-cast metal alloy models (FD and FL) include earth
terminal.
Types L353 and L354 have a location slot at the end to lock the levers at full extension if required.
Type G13.5
Types PG13.5 and PG13.5/6
EXAMPLES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com