Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD515 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FD515
Description  Standard Heavy Duty Limit Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD515 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FD515 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 7Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Standard actuator options – FD and FP series
FD/FP/FL
Actuator type 35
Adjustable roller lever
OF
1530gcm
PT
30˚
OT
45˚
MD
14˚
OP
–
OS
1.5m/s using a 30˚ cam
Notes: 1. ø20mm plastic roller as standard,
ø20mm metal roller actuator part no.:351; ø35mm
plastic roller actuator part no.:352; ø50mm rubber
roller actuator part no.:353. 2. Lever position
adjustable over 360˚ in 10˚ increments
Actuator type 40
Dual roller lever with two stable free
positions
Specify lever type:
Double track (shown above) L42
Single track (not shown) L41
Steel rod lever L43
Actuator type 38+L34
Coiled spring lever with flexible rod
OF
1530gcm
PT
30˚
OT
45˚
MD
14˚
OP
–
OS
1.5m/s
Notes: 1. Not suitable for safety circuits.
2. Lever position adjustable over 360˚ in 10˚
increments
Actuator type 36
Adjustable glass-fibre rod lever
OF
1530gcm
PT
30˚
OT
45˚
MD
14˚
OP
–
OS
1.5m/s
Notes: 1. Not suitable for safety circuits.
2. Lever position adjustable over 360˚ in 10˚
increments
Actuator type 52
Roller lever without offset
OF
920gcm
PT
30˚
OT
45˚
MD
14˚
OP
–
OS
1.5m/s
Notes: 1. ø20mm plastic roller as standard,
ø20mm metal roller actuator part no.:521; ø35mm
plastic roller actuator part no.:522; ø50mm rubber
roller actuator part no.:523. 2. Lever position
adjustable over 360˚ in 10˚ increments
Actuator type 51
Roller-lever with large offset
OF
920gcm
PT
30˚
OT
45˚
MD
14˚
OP
–
OS
1.5m/s using a 30˚ cam
Notes: 1. ø20mm plastic roller as standard,
ø20mm metal roller actuator part no.:511.
2. Lever position adjustable over 360˚ in 10˚
increments
Actuator type 76
Rope
OF
2450g
PT
1.8mm
OT
6.4mm
MD
1mm
OP
66.8mm
OS
–
Note: Not suitable for safety circuits. For
rope operated safety switches, see Safety
Limit Switches data sheet on page 297
Actuator type 53
Porcelain roller lever
OF
615gcm
PT
30˚
OT
45˚
MD
14˚
OP
–
OS
–
Note: Lever position adjustable over 360˚ in
10˚ increments
Only available in FD series
(metal case), not FP series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com