Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD515 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FD515
Description  Standard Heavy Duty Limit Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD515 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FD515 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 7Page - List of Unclassifed Manufacturers FD515 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Standard actuator options – FL series
FD/FP/FL
Actuator type 01
Piston plunger
OF
820g
PT
2mm
OT
4mm
MD
1mm
OP
23mm
OS
0.5m/s
Actuator type 02
One-way roller - top actuated
OF
615g
PT
2.9mm
OT
5.6mm
MD
1.6mm
OP
49.1mm
OS
0.5m/s using a 30˚ cam
Note: ø20mm plastic roller as standard,
ø20mm metal roller actuator part no.:021
Actuator type 04
Piston plunger with adjustable glass-
fibre rod lever
OF
PT
OT
Variable – dependent on
MD
glass-fibre rod position
OP
OS
}
Actuator type 05
One-way roller - side actuated
OF
615g
PT
2.9mm
OT
5.6mm
MD
1.6mm
OP
–
OS
0.5m/s using a 30˚ cam
Note: ø20mm plastic roller as standard, ø20mm
metal roller actuator part no.:051
Actuator type 10
Sealed piston plunger
OF
1125g
PT
2mm
OT
4mm
MD
1mm
OP
35mm
OS
0.5m/s
Actuator type 16
Roller piston plunger
OF
820g
PT
2mm
OT
4mm
MD
1mm
OP
48mm
OS
0.5m/s using a 30˚ cam
Note: ø13mm metal roller only
Actuator type 18
Rolling ball piston plunger
OF
820g
PT
2mm
OT
4mm
MD
1mm
OP
39mm
OS
0.5m/s
Actuator type 15
Sealed roller piston plunger
OF
1125g
PT
2mm
OT
4mm
MD
1mm
OP
48mm
OS
0.5m/s using a 30˚ cam
Note: ø13mm metal roller only



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com