Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 129 Page - Microsemi Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP030 Datasheet(HTML) 129 Page - Microsemi Corporation

Back Button AGLP030 Datasheet HTML 125Page - Microsemi Corporation AGLP030 Datasheet HTML 126Page - Microsemi Corporation AGLP030 Datasheet HTML 127Page - Microsemi Corporation AGLP030 Datasheet HTML 128Page - Microsemi Corporation AGLP030 Datasheet HTML 129Page - Microsemi Corporation AGLP030 Datasheet HTML 130Page - Microsemi Corporation AGLP030 Datasheet HTML 131Page - Microsemi Corporation AGLP030 Datasheet HTML 132Page - Microsemi Corporation AGLP030 Datasheet HTML 133Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 134 page
background image
IGLOO PLUS Low Power Flash FPGAs
Revision 16
5-3
Revision 11
(continued)
Table 2-2 • Recommended Operating Conditions1,2 was revised. 1.2 V DC wide
range supply voltage and 3.3 V wide range supply voltage (SAR 26270) were added
for VCCI. VJTAG DC Voltage was revised (SAR 24052). The value range for VPUMP
programming voltage for operation was changed from "0 to 3.45" to "0 to 3.6" (SAR
25220).
2-2
Table 2-6 • Temperature and Voltage Derating Factors for Timing Delays (normalized
to TJ = 70°C, VCC = 1.425 V) and Table 2-7 • Temperature and Voltage Derating
Factors for Timing Delays (normalized to TJ = 70°C, VCC = 1.14 V) were revised.
2-6, 2-7
Table 2-8 • Power Supply State per Mode is new.
2-7
The tables in the "Quiescent Supply Current" section were updated (SARs 24882
and 24112). Some of the table notes were changed or deleted.
2-7
VIH maximum values in tables were updated as needed to 3.6 V (SARs 20990,
79370).
N/A
The values in the following tables were updated. 3.3 V LVCMOS and 1.2 V LVCMOS
wide range were added to the tables where applicable.
Table 2-13 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software
Settings
Table 2-14 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software
Settings1
Table 2-21 • Summary of Maximum and Minimum DC Input and Output Levels
Applicable to Commercial and Industrial Conditions—Software Default Settings
Table 2-22 • Summary of Maximum and Minimum DC Input Levels
Table 2-23 • Summary of AC Measuring Points
Table 2-25 • Summary of I/O Timing Characteristics—Software Default Settings,
STD Speed Grade, Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC =
1.425 V, Worst-Case VCCI = 3.0 V
Table 2-26 • Summary of I/O Timing Characteristics—Software Default Settings,
STD Speed Grade Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC =
1.14 V, Worst-Case VCCI = 3.0 V
Table 2-28 • I/O Output Buffer Maximum Resistances 1
2-9
2-9
2-19
2-20
2-21
2-22
2-23
2-24
A table note was added to Table 2-16 • Different Components Contributing to the
Static Power Consumption in IGLOO PLUS Devices and Table 2-18 • Different
Components Contributing to the Static Power Consumption in IGLOO PLUS Devices
stating the value for PDC4 is the minimum contribution of the PLL when operating at
lowest frequency.
2-11,
2-12
Table 2-29 • I/O Weak Pull-Up/Pull-Down Resistances was revised, including
addition of 3.3 V and 1.2 V LVCMOS wide range.
The notes defining RWEAK PULL-UP-MAX and RWEAK PULLDOWN-MAX were revised
(SAR 21348).
2-25
Table 2-30 • I/O Short Currents IOSH/IOSL was revised to include data for 3.3 V and
1.2 V LVCMOS wide range (SAR 79353 and SAR 79366).
2-25
Table 2-31 • Duration of Short Circuit Event before Failure was revised to change the
maximum temperature from 110°C to 100°C, with an example of six months instead
of three months (SAR 26259).
2-26
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com