Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 132 Page - Microsemi Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP030 Datasheet(HTML) 132 Page - Microsemi Corporation

Back Button AGLP030 Datasheet HTML 126Page - Microsemi Corporation AGLP030 Datasheet HTML 127Page - Microsemi Corporation AGLP030 Datasheet HTML 128Page - Microsemi Corporation AGLP030 Datasheet HTML 129Page - Microsemi Corporation AGLP030 Datasheet HTML 130Page - Microsemi Corporation AGLP030 Datasheet HTML 131Page - Microsemi Corporation AGLP030 Datasheet HTML 132Page - Microsemi Corporation AGLP030 Datasheet HTML 133Page - Microsemi Corporation AGLP030 Datasheet HTML 134Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 132 / 134 page
background image
Datasheet Information
5-6
Revision 16
Revision 3 (continued)
The table note for Table 2-9 • Quiescent Supply Current (IDD) Characteristics,
IGLOO PLUS Flash*Freeze Mode* to remove the sentence stating that values do
not include I/O static contribution.
2-7
The table note for Table 2-10 • Quiescent Supply Current (IDD) Characteristics,
IGLOO PLUS Sleep Mode* was updated to remove VJTAG and VCCI and the
statement that values do not include I/O static contribution.
2-7
The table note for Table 2-11 • Quiescent Supply Current (IDD) Characteristics,
IGLOO PLUS Shutdown Mode was updated to remove the statement that values
do not include I/O static contribution.
2-8
Note 2 of Table 2-12 • Quiescent Supply Current (IDD), No IGLOO PLUS
Flash*Freeze Mode 1 was updated to include VCCPLL. Table note 4 was
deleted.
2-8
Table 2-13 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software
Settings and Table 2-14 • Summary of I/O Output Buffer Power (per pin) – Default
I/O Software Settings1 were updated to remove static power. The table notes
were updated to reflect that power was measured on VCCI. Table note 2 was
added to Table 2-13 • Summary of I/O Input Buffer Power (per pin) – Default I/O
Software Settings.
2-9, 2-9
Table 2-16 • Different Components Contributing to the Static Power Consumption
in IGLOO PLUS Devices and Table 2-18 • Different Components Contributing to
the Static Power Consumption in IGLOO PLUS Devices were updated to change
the definition for PDC5 from bank static power to bank quiescent power. Table
subtitles were added for Table 2-16 • Different Components Contributing to the
Static Power Consumption in IGLOO PLUS Devices, Table 2-17 • Different
Components Contributing to Dynamic Power Consumption in IGLOO PLUS
Devices, and Table 2-18 • Different Components Contributing to the Static Power
Consumption in IGLOO PLUS Devices.
2-11,
2-12
The "Total Static Power Consumption—PSTAT" section was revised.
2-12
Table 2-32 • Schmitt Trigger Input Hysteresis is new.
2-26
Packaging v1.3
The "CS281" package drawing is new.
4-13
The "CS281" table for the AGLP125 device is new.
4-13
Revision 3 (continued)
The "CS289" package drawing was incorrect. The graphic was showing the
CS281 mechanical drawing and not the CS289 mechanical drawing. This has
now been corrected.
4-17
Revision 2 (Jun 2008)
Packaging v1.2
The "CS289" table for the AGLP030 device is new.
4-17
Revision 1 (Jun 2008)
Packaging v1.1
The "CS289" table for the AGLP060 device is new.
4-20
The "CS289" table for the AGLP125 device is new.
4-23
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com