Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 131 Page - Microsemi Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP030 Datasheet(HTML) 131 Page - Microsemi Corporation

Back Button AGLP030 Datasheet HTML 126Page - Microsemi Corporation AGLP030 Datasheet HTML 127Page - Microsemi Corporation AGLP030 Datasheet HTML 128Page - Microsemi Corporation AGLP030 Datasheet HTML 129Page - Microsemi Corporation AGLP030 Datasheet HTML 130Page - Microsemi Corporation AGLP030 Datasheet HTML 131Page - Microsemi Corporation AGLP030 Datasheet HTML 132Page - Microsemi Corporation AGLP030 Datasheet HTML 133Page - Microsemi Corporation AGLP030 Datasheet HTML 134Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 131 / 134 page
background image
IGLOO PLUS Low Power Flash FPGAs
Revision 16
5-5
Revision
Changes
Page
Revision 10 (Apr 2009)
Product Brief v1.5
DC and Switching
Characteristics
Advance v0.5
The –F speed grade is no longer offered for IGLOO PLUS devices. References to
it have been removed from the document. The speed grade column and note
regarding –F speed grade were removed from "IGLOO PLUS Ordering
Information". The "Speed Grade and Temperature Grade Matrix" section was
removed.
III, IV
Revision 9 (Feb 2009)
Product Brief v1.4
The "Advanced I/O" section was revised to add two bullets regarding support of
wide range power supply voltage.
I
The "I/Os with Advanced I/O Standards" section was revised to add 3.0 V wide
range to the list of supported voltages. The "Wide Range I/O Support" section is
new.
1-7
Revision 8 (Jan 2009)
Packaging v1.5
The "CS201" pin table was revised to add a note regarding pins G1 and H1.
4-8
Revision 7 (Dec 2008)
Product Brief v1.3
A note was added to IGLOO PLUS Devices: "AGLP060 in CS201 does not
support the PLL."
I
Table 2 • IGLOO PLUS FPGAs Package Size Dimensions was updated to
change the nominal size of VQ176 from 100 to 400 mm2.
II
Revision 6 (Oct 2008)
DC and Switching
Characteristics
Advance v0.4
Data was revised significantly in the following tables:
Table 2-25 • Summary of I/O Timing Characteristics—Software Default Settings,
STD Speed Grade, Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC =
1.425 V, Worst-Case VCCI = 3.0 V
Table 2-26 • Summary of I/O Timing Characteristics—Software Default Settings,
STD Speed Grade Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC =
1.14 V, Worst-Case VCCI = 3.0 V
Table 2-50 • 2.5 LVCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Table 2-51 • 2.5 V LVCMOS High Slew – Applies to 1.2 V DC Core Voltage
2-22,
2-33
Revision 5 (Aug 2008)
Product Brief v1.2
The VQ128 and VQ176 packages were added to Table 1 • IGLOO PLUS Product
Family, the "I/Os Per Package 1" table, Table 2 • IGLOO PLUS FPGAs Package
Size Dimensions, "IGLOO PLUS Ordering Information", and the "Temperature
Grade Offerings" table.
I to IV
Packaging v1.4
The "VQ128" package drawing and pin table are new.
4-2
The "VQ176" package drawing and pin table are new.
4-5
Revision 4 (Jul 2008)
Product Brief v1.1
DC and Switching
Characteristics
Advance v0.3
As a result of the Libero IDE v8.4 release, Actel now offers a wide range of core
voltage support. The document was updated to change 1.2 V / 1.5 V to 1.2 V to
1.5 V.
N/A
Revision 3 (Jun 2008)
DC and Switching
Characteristics
Advance v0.2
Tables have been updated to reflect default values in the software. The default
I/O capacitance is 5 pF. Tables have been updated to include the LVCMOS 1.2 V
I/O set.
N/A
Table note 3 was updated in Table 2-2 • Recommended Operating Conditions1,2
to add the sentence, "VCCI should be at the same voltage within a given I/O
bank." References to table notes 5, 6, 7, and 8 were added. Reference to table
note 3 was removed from VPUMP Operation and placed next to VCC.
2-2
Table 2-4 • Overshoot and Undershoot Limits 1 was revised to remove "as
measured on quiet I/Os" from the title. Table note 2 was revised to remove
"estimated SSO density over cycles." Table note 3 was deleted.
2-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com