Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000 Datasheet(PDF) 222 Page - Microsemi Corporation

Part # AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Datasheet(HTML) 222 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 218Page - Microsemi Corporation AX2000 Datasheet HTML 219Page - Microsemi Corporation AX2000 Datasheet HTML 220Page - Microsemi Corporation AX2000 Datasheet HTML 221Page - Microsemi Corporation AX2000 Datasheet HTML 222Page - Microsemi Corporation AX2000 Datasheet HTML 223Page - Microsemi Corporation AX2000 Datasheet HTML 224Page - Microsemi Corporation AX2000 Datasheet HTML 225Page - Microsemi Corporation AX2000 Datasheet HTML 226Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 262 page
background image
Package Pin Assignments
3- 96
R e v i sio n 1 8
IO242NB5F22
74
IO242PB5F22
75
IO243NB5F22
70
IO243PB5F22
71
IO244NB5F22
68
IO244PB5F22
69
Bank 6
IO257PB6F24
60
IO258NB6F24
58
IO258PB6F24
59
Bank 6
IO279NB6F26
56
IO279PB6F26
57
IO280NB6F26
52
IO280PB6F26
53
IO281NB6F26
50
IO281PB6F26
51
IO282NB6F26
46
IO282PB6F26
47
IO284NB6F26
44
IO284PB6F26
45
IO285NB6F26
40
IO285PB6F26
41
IO286NB6F26
38
IO286PB6F26
39
IO287NB6F26
34
IO287PB6F26
35
Bank 7 9
IO310NB7F29
30
IO310PB7F29
31
IO311NB7F29
26
IO311PB7F29
27
IO312NB7F29
24
IO312PB7F29
25
IO315NB7F29
20
CQ256
AX2000 Function
Pin
Number
IO315PB7F29
21
IO316NB7F29
18
IO316PB7F29
19
IO317NB7F29
14
IO317PB7F29
15
IO318NB7F29
12
IO318PB7F29
13
IO320NB7F29
8
IO320PB7F29
9
Bank 7
IO341NB7F31
6
IO341PB7F31
7
Dedicated I/O
GND
1
GND
5
GND
11
GND
17
GND
23
GND
29
GND
33
GND
37
GND
43
GND
49
GND
55
GND
62
GND
64
GND
65
GND
73
GND
79
GND
85
GND
91
GND
97
GND
103
GND
109
GND
115
CQ256
AX2000 Function
Pin
Number
GND
121
GND
128
GND
129
GND
132
GND
139
GND
145
GND
151
GND
157
GND
161
GND
165
GND
171
GND
177
GND
183
GND
190
GND
192
GND
193
GND
201
GND
207
GND
213
GND
219
GND
225
GND
231
GND
239
GND
245
GND
256
PRA
227
PRB
226
PRC
99
PRD
98
TCK
253
TDI
252
TDO
250
TMS
254
TRST
255
VCCA
3
CQ256
AX2000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com