Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000 Datasheet(PDF) 54 Page - Microsemi Corporation

Part # AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Datasheet(HTML) 54 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 50Page - Microsemi Corporation AX2000 Datasheet HTML 51Page - Microsemi Corporation AX2000 Datasheet HTML 52Page - Microsemi Corporation AX2000 Datasheet HTML 53Page - Microsemi Corporation AX2000 Datasheet HTML 54Page - Microsemi Corporation AX2000 Datasheet HTML 55Page - Microsemi Corporation AX2000 Datasheet HTML 56Page - Microsemi Corporation AX2000 Datasheet HTML 57Page - Microsemi Corporation AX2000 Datasheet HTML 58Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 262 page
background image
Detailed Specifications
2- 40
R e v i sio n 1 8
3.3 V PCI, 3.3 V PCI-X
Peripheral Component Interface for 3.3 V standard specifies support for both 33 MHz and 66 MHz PCI
bus applications. It uses an LVTTL input buffer and a push-pull output buffer. The input and output buffers
are 5 V tolerant with the aid of external components. Axcelerator 3.3 V PCI and 3.3 V PCI-X buffers are
compliant with the PCI Local Bus Specification Rev. 2.1.
The PCI Compliance Specification requires the clamp diodes to be able to withstand for 11 ns, –3.5 V in
undershoot, and 7.1 V in overshoot.
AC Loadings
Table 2-33 • DC Input and Output Levels
VIL
VIH
VOL
VOH
IOL
IOH
Min., V
Max., V
Min., V
Max., V
Max., V
Min., V
mA
mA
PCI
–0.3
0.3 VCCI
0.5 VCCI
VCCI + 0.5
(per PCI specification)
PCI-X
–0.5
0.35 VCCI
0.5 VCCI
VCCI + 0.5
(per PCI specification)
Figure 2-18 • AC Test Loads
Table 2-34 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
VREF (typ) (V)
Cload (pF)
(Per PCI Spec and PCI-X Spec)
N/A
10
Note:
* Measuring Point = VTRIP
R to VCCI for tpl
R to GND for tph
10 pF
GND
Test point for data
R = 25
35 pF for tpzl / tpzh
5 pF for tphz / tplz
R to VCCI for tplz / tpzl
R to GND for tphz / tpzh
Test Point
for tristate
R = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com