Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000 Datasheet(PDF) 31 Page - Microsemi Corporation

Part # AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Datasheet(HTML) 31 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 27Page - Microsemi Corporation AX2000 Datasheet HTML 28Page - Microsemi Corporation AX2000 Datasheet HTML 29Page - Microsemi Corporation AX2000 Datasheet HTML 30Page - Microsemi Corporation AX2000 Datasheet HTML 31Page - Microsemi Corporation AX2000 Datasheet HTML 32Page - Microsemi Corporation AX2000 Datasheet HTML 33Page - Microsemi Corporation AX2000 Datasheet HTML 34Page - Microsemi Corporation AX2000 Datasheet HTML 35Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 17
Using the Weak Pull-Up and Pull-Down Circuits
Each Axcelerator I/O comes with a weak pull-up/down circuit (on the order of 10 k
Ω). These are weak
transistors with the gates tied on, so the on resistance of the transistor emulates a resistor. The weak
pull-up and pull-down is active only when the device is powered up, and they must be biased to be on.
When the rails are coming up, they are not biased fully, so they do not behave as resistors until the
voltage is at sufficient levels to bias the transistors. The key is they really are transistors; they are not
traces of poly silicon, which is another way to do an on-chip resistor (those take much more room). I/O
macros are provided for combinations of pull up/down for LVTTL, LVCMOS (2.5 V, 1.8 V, and 1.5 V)
standards. These macros can be instantiated if a keeper circuit for any input buffer is required.
Customizing the I/O
•
A five-bit programmable input delay element is associated with each I/O. The value of this delay is
set on a bank-wide basis (Table 2-14). It is optional for each input buffer within the bank (i.e. the
user can enable or disable the delay element for the I/O). When the input buffer drives a register
within the I/O, the delay element is activated by default to ensure a zero hold-time. The default
setting for this property can be set in Designer. When the input buffer does not drive a register, the
delay element is deactivated to provide higher performance. Again, this can be overridden by
changing the default setting for this property in Designer.
•
The slew-rate value for the LVTTL output buffer can be programmed and can be set to either slow
or fast.
•
The drive strength value for LVTTL output buffers can be programmed as well. There are four
different drive strength values – 8 mA, 12 mA, 16 mA, or 24 mA – that can be specified in
Designer.5
Table 2-14 • Bank-Wide Delay Values
Bits Setting
Delay (ns)
Bits Setting
Delay (ns)
00.54
16
2.01
10.65
17
2.13
20.71
18
2.19
30.83
19
2.3
4
0.9
20
2.38
51.01
21
2.49
61.08
22
2.55
71.19
23
2.67
81.27
24
2.75
91.39
25
2.87
10
1.45
26
2.93
11
1.56
27
3.04
12
1.64
28
3.12
13
1.75
29
3.23
14
1.81
30
3.29
15
1.93
31
3.41
Note:
Delay values are approximate and will vary with process, temperature, and voltage.
5.
These values are minimum drive strengths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com