Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000 Datasheet(PDF) 20 Page - Microsemi Corporation

Part # AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Datasheet(HTML) 20 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 16Page - Microsemi Corporation AX2000 Datasheet HTML 17Page - Microsemi Corporation AX2000 Datasheet HTML 18Page - Microsemi Corporation AX2000 Datasheet HTML 19Page - Microsemi Corporation AX2000 Datasheet HTML 20Page - Microsemi Corporation AX2000 Datasheet HTML 21Page - Microsemi Corporation AX2000 Datasheet HTML 22Page - Microsemi Corporation AX2000 Datasheet HTML 23Page - Microsemi Corporation AX2000 Datasheet HTML 24Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 262 page
background image
Detailed Specifications
2- 6
R ev isio n 1 8
Thermal Characteristics
Introduction
The temperature variable in Microsemi’s Designer software refers to the junction temperature, not the
ambient temperature. This is an important distinction because dynamic and static power consumption
cause the chip junction temperature to be higher than the ambient temperature. EQ 1 can be used to
calculate junction temperature.
TJ = Junction Temperature = ΔT + Ta
EQ 1
Where:
ΔT = θja * P
EQ 2
Where:
Package Thermal Characteristics
The device junction-to-case thermal characteristic is
θjc, and the junction-to-ambient air characteristic is
θja. The thermal characteristics for θja are shown with two different air flow rates. θjc values are provided
for reference. The absolute maximum junction temperature is 125
°C.
The maximum power dissipation allowed for commercial- and industrial-grade devices is a function of
θja.
A sample calculation of the absolute maximum power dissipation allowed for an 896-pin FBGA package
at commercial temperature and still air is as follows:
Ta = Ambient Temperature
ΔT= Temperature gradient between junction (silicon) and ambient
P
=Power
θja = Junction to ambient of package. θja numbers are located under Table 2-6 on page 2-7.
Maximum Power Allowed
Max. junction temp. (
°C) Max. ambient temp. (°C)
–
θ
ja(°C/W)
--------------------------------------------------------------------------------------------------------------------------------------------------
125
°C70°C
–
13.6
°C/W
---------------------------------------
4.04 W
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com