Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 4Page - Microsemi Corporation AX2000 Datasheet HTML 5Page - Microsemi Corporation AX2000 Datasheet HTML 6Page - Microsemi Corporation AX2000 Datasheet HTML 7Page - Microsemi Corporation AX2000 Datasheet HTML 8Page - Microsemi Corporation AX2000 Datasheet HTML 9Page - Microsemi Corporation AX2000 Datasheet HTML 10Page - Microsemi Corporation AX2000 Datasheet HTML 11Page - Microsemi Corporation AX2000 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 262 page
background image
General Description
1- 2
R ev isio n 1 8
Logic Modules
Microsemi's Axcelerator family provides two types of logic modules: the register cell (R-cell) and the
combinatorial cell (C-cell). The Axcelerator device can implement more than 4,000 combinatorial
functions of up to five inputs (Figure 1-3).
The R-cell contains a flip-flop featuring asynchronous clear, asynchronous preset, and active-low enable
control signals (Figure 1-3). The R-cell registers feature programmable clock polarity selectable on a
register-by-register basis. This provides additional flexibility (e.g., easy mapping of dual-data-rate
functions into the FPGA) while conserving valuable clock resources. The clock source for the R-cell can
be chosen from the hardwired clocks, routed clocks, or internal logic.
Figure 1-2 •
Axcelerator Family Interconnect Elements
Figure 1-3 •
AX C-Cell and R-Cell
C-cell
A[1:0]
B[1:0]
D[3:0]
DB
CFN
FCO
FCI
Y
PSET
CLR
D
E
CLK
Q
(Positive Edge Triggered)
C-Cell
R-Cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com