Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2000 Datasheet(PDF) 89 Page - Microsemi Corporation

Part # AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Datasheet(HTML) 89 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 85Page - Microsemi Corporation AX2000 Datasheet HTML 86Page - Microsemi Corporation AX2000 Datasheet HTML 87Page - Microsemi Corporation AX2000 Datasheet HTML 88Page - Microsemi Corporation AX2000 Datasheet HTML 89Page - Microsemi Corporation AX2000 Datasheet HTML 90Page - Microsemi Corporation AX2000 Datasheet HTML 91Page - Microsemi Corporation AX2000 Datasheet HTML 92Page - Microsemi Corporation AX2000 Datasheet HTML 93Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 75
Axcelerator Clock Management System
Introduction
Each member of the Axcelerator family6 contains eight phase-locked loop (PLL) blocks which perform
the following functions:
Programmable Delay (32 steps of 250 ps)
Clock Skew Minimization
Clock Frequency Synthesis
Each PLL has the following key features:
Input Frequency Range – 14 to 200 MHz
Output Frequency Range – 20 MHz to 1 GHz
Output Duty Cycle Range – 45% to 55%
Maximum Long-Term Jitter – 1% or 100ps (whichever is greater)
Maximum Short-Term Jitter – 50ps + 1% of Output Frequency
Maximum Acquisition Time (lock) – 20µs
Physical Implementation
The eight PLL blocks are arranged in two groups of four. One group is located in the center of the
northern edge of the chip, while the second group is centered on the southern edge. The northern group
is associated with the four HCLK networks (e.g. PLLA can drive HCLKA), while the southern group is
associated with the four CLK networks (e.g. PLLE can drive CLKE).
Each PLL cell is connected to two I/O pads and a PLL Cluster that interfaces with the FPGA core.
Figure 2-48 illustrates a PLL block. The VCCPLL pin should be connected to a 1.5V power supply
through a 250
Ω resistor. Furthermore, 0.1 μF and 10 μF decoupling capacitors should be connected
across the VCCPLL and VCOMPPLL pins.
Note: The VCOMPPLL pin should never be grounded (Figure 2-2 on page 2-9)!
The I/O pads associated with the PLL can also be configured for regular I/O functions except when it is
used as a clock buffer. The I/O pads can be configured in all the modes available to the regular I/O pads
in the same I/O bank. In particular, the [H]CLKxP pad can be configured as a differential pair,
6.
AX2000-CQ256 does not support operation of the phase-locked loops. This is in order to support full pin compatibility with
RTAX2000S/SL-CQ256.
Figure 2-48 • PLL Block Diagram
RefCLK
FB
Lock
6
DIVJ
CLK1
CLK2
FBMuxSel
DelayLine
DIVJ
LowFreq
Osc
56
3
Delay Line
PowerDown
Delay Line
PLL
/i Delay
Match
/j Delay
Match
/i
/j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com