Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20249 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP20249
Description  Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20249 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP20249 Datasheet HTML 1Page - Monolithic Power Systems MP20249 Datasheet HTML 2Page - Monolithic Power Systems MP20249 Datasheet HTML 3Page - Monolithic Power Systems MP20249 Datasheet HTML 4Page - Monolithic Power Systems MP20249 Datasheet HTML 5Page - Monolithic Power Systems MP20249 Datasheet HTML 6Page - Monolithic Power Systems MP20249 Datasheet HTML 7Page - Monolithic Power Systems MP20249 Datasheet HTML 8Page - Monolithic Power Systems MP20249 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP20249 – DUAL, ULTRA-LOW NOISE, HIGH PSRR 200mA LINEAR REGULATOR
MP20249 Rev1.0
www.MonolithicPower.com
3
12/15/2010
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Input Voltage ................................ 6.5V
Continuous Power Dissipation
(TA =
+25°C)(2)
WLCSP………………………………..…….0.5W
Storage Temperature Range .... -65°C to 150°C
Lead Temperature (Soldering, 10sec) ....300°C
ESD SUSCEPTIBILITY
(3)
HBM (Human Body Mode) ..........................2kV
MM (Machine Mode) ................................ 200V
Recommended Operating Conditions
(4)
Supply Input Voltage ......................2.3V to 6.0V
Enable Input Voltage ........................0V to 5.5V
Operating Junct. Temp (TJ)...... -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
WLCSP.................................. 250 ..... n/a ..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Devices
are
ESD
sensitive.
Handling
precaution
recommended.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com