Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20249 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP20249
Description  Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20249 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP20249 Datasheet HTML 4Page - Monolithic Power Systems MP20249 Datasheet HTML 5Page - Monolithic Power Systems MP20249 Datasheet HTML 6Page - Monolithic Power Systems MP20249 Datasheet HTML 7Page - Monolithic Power Systems MP20249 Datasheet HTML 8Page - Monolithic Power Systems MP20249 Datasheet HTML 9Page - Monolithic Power Systems MP20249 Datasheet HTML 10Page - Monolithic Power Systems MP20249 Datasheet HTML 11Page - Monolithic Power Systems MP20249 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP20249 – DUAL, ULTRA-LOW NOISE, HIGH PSRR 200mA LINEAR REGULATOR
MP20249 Rev. 1.0
www.MonolithicPower.com
11
12/15/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Power Dissipation
The power dissipation for any package depends
on the thermal resistance of the case and circuit
board, the temperature difference between the
junction and ambient air, and the rate of airflow.
The power dissipation across the device can be
represented by the equation:
P = (VIN - VOUT) ×IOUT
The allowable power dissipation can be
calculated using the following equation:
P(MAX) = (TJunction - TAmbient) / θJA
Where (TJunction - TAmbient) is the temperature
difference between the junction and the
surrounding environment, θJA is the thermal
resistance from the junction to the ambient
environment. Connecting the GND pin of
MP20249 to ground with a large ground plane
will help the channel heat away.
Input Capacitor Selection
Using a capacitor whose value is >1µF on the
MP20249 input and the amount of capacitance
can be increased without limit. Larger values
will help to improve line transient response with
the drawback of increased size. Ceramic
capacitors
are
preferred,
but
tantalum
capacitors may also suffice.
Output Capacitor Selection
The MP20249 is designed specifically to work
with very low ESR ceramic output capacitor and
benefit applications with space limitation.
Output capacitor of larger values will help to
improve load transient response and reduce
noise with the drawback of increased size. For
the application circuit, the MP20249 requires a
minimum capacitance of 0.7uF with an ESR of
1Ω or less.
Output Noise and PSRR
In the MP20249 device, each channel has an
internal 50pF bypass capacitor with new
innovative structure that reduces output noises
greatly. Therefore, space-limited applications
do not need to use external bypass capacitors.
The power supply rejection is 65dB at 10kHz
and 55dB at 100kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com