Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20249 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP20249
Description  Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20249 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP20249 Datasheet HTML 1Page - Monolithic Power Systems MP20249 Datasheet HTML 2Page - Monolithic Power Systems MP20249 Datasheet HTML 3Page - Monolithic Power Systems MP20249 Datasheet HTML 4Page - Monolithic Power Systems MP20249 Datasheet HTML 5Page - Monolithic Power Systems MP20249 Datasheet HTML 6Page - Monolithic Power Systems MP20249 Datasheet HTML 7Page - Monolithic Power Systems MP20249 Datasheet HTML 8Page - Monolithic Power Systems MP20249 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP20249 – DUAL, ULTRA-LOW NOISE, HIGH PSRR 200mA LINEAR REGULATOR
MP20249 Rev1.0
www.MonolithicPower.com
5
12/15/2010
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
A1
EN1
Enable Input for Regulator 1. Drive EN1 high to turn on Regulator 1; drive it low to turn
off Regulator 1. For automatic startup, connect EN1 to VIN.
B1
GND
Ground Pin.
C1
EN2
Enable Input for Regulator 2. Drive EN2 high to turn on Regulator 2; drive it low to turn
off Regulator 2. For automatic startup, connect EN2 to VIN.
A2
VOUT1
Regulated Output Voltage 1. Connect a 1µF or greater output capacitor between
VOUT1 and GND.
B2
VIN
Regulator Input Supply. Bypass VIN to GND with a 1µF or greater capacitor.
C2
VOUT2
Regulated Output Voltage 2. Connect a 1µF or greater output capacitor between
VOUT2 and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com