Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20249 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP20249
Description  Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20249 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP20249 Datasheet HTML 1Page - Monolithic Power Systems MP20249 Datasheet HTML 2Page - Monolithic Power Systems MP20249 Datasheet HTML 3Page - Monolithic Power Systems MP20249 Datasheet HTML 4Page - Monolithic Power Systems MP20249 Datasheet HTML 5Page - Monolithic Power Systems MP20249 Datasheet HTML 6Page - Monolithic Power Systems MP20249 Datasheet HTML 7Page - Monolithic Power Systems MP20249 Datasheet HTML 8Page - Monolithic Power Systems MP20249 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP20249
Dual, Ultra-Low Noise, High PSRR
200mA Linear Regulator
MP20249 Rev1.0
www.MonolithicPower.com
1
12/15/2010
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP20249 is a dual-channel, ultra-low noise,
low dropout and high PSRR linear regulator.
Fixed output voltage options are available
between 1.2V to 3.3V with 1% accuracy by
operating from a +2.3V to +6.0V input. It is
designed to deliver up to 200mA of load current
at each channel. Dropout voltage is only 75mV at
full
load.
The
MP20249
uses
internal
PMOSFETS as pass elements, which consume
125µA supply current (both LDOs on) at no load
condition. With new innovative design techniques,
the MP20249 can achieve an output voltage
noise as low as 16µVRMS without using a
bypass capacitor at each channel. The MP20249
is designed and optimized to work with small-
value, low-cost ceramic capacitors, making it
ideal for applications with space-constraints. It
typically requires only 1µF of output capacitance
for stability with any load at each channel.
The EN1 and EN2 pins control each output
respectively. When both channels shutdown
simultaneously, the chip is turned off and
consumes nearly zero operation current, which is
suitable for battery-power devices. The MP20249
features current limit and over-temperature
protection.
The MP20249 also has an output discharge
function that controls the quick discharging of the
output capacitor.
It is available in a miniature 6-ball WLCSP
package.
FEATURES
• Input Voltage Range: 2.3V to 6.0V
• Two LDOs in a 1.0x1.5mm WLCSP Package
• Up to 200mA Output Current (Per Channel)
• Dual Enable Pins Control Each Output
• 16µVRMS
Output
Noise
(100Hz-1kHz)
Bandwidth
with
No
Bypass
Capacitor
required
• High PSRR: 65dB @ 1kHz
• Low dropout: 60mV @ 150mA Load
• Stable with 1µF Ceramic Capacitor for Any
Load (Per Channel)
• Very Fast Line and Load Transient Response
• Output Discharge Function
• Current Limit and Thermal Protection
APPLICATIONS
• Cellular Mobile Phones
• Digital Cameras
• Handheld and Battery-powered Equipment
• Wireless LAN
• Post DC-to-DC Regulation
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
ADAM (Analog Digital Adaptive Modulation), AAM (….) areTrademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP20249
EN1
EN2
GND
VIN
VOUT1
VOUT2
1uF
1uF
1uF
A1
A2
B1
B2
C1
C2
VIN=2.3V to 6V
VOUT1=1.2V to 3.3V
VOUT2=1.2V to 3.3V


Similar Part No. - MP20249

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP2024-BK1-28 MULTICOMP-MP2024-BK1-28 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
MP2024-GY1-28 MULTICOMP-MP2024-GY1-28 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
More results

Similar Description - MP20249

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com