Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20249 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP20249
Description  Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20249 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP20249 Datasheet HTML 4Page - Monolithic Power Systems MP20249 Datasheet HTML 5Page - Monolithic Power Systems MP20249 Datasheet HTML 6Page - Monolithic Power Systems MP20249 Datasheet HTML 7Page - Monolithic Power Systems MP20249 Datasheet HTML 8Page - Monolithic Power Systems MP20249 Datasheet HTML 9Page - Monolithic Power Systems MP20249 Datasheet HTML 10Page - Monolithic Power Systems MP20249 Datasheet HTML 11Page - Monolithic Power Systems MP20249 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP20249 – DUAL, ULTRA-LOW NOISE, HIGH PSRR 200mA LINEAR REGULATOR
MP20249 Rev1.0
www.MonolithicPower.com
8
12/15/2010
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = (VOUT + 0.5 V) or 2.3V (whichever is greater), EN = VIN, IOUT = 10mA, VOUT1=2.8V, VOUT2=1.2V,
CIN = COUT1,2 = 1µF, TA = 25°C, unless otherwise noted.
VOUT1
2V/div
VOUT2
1V/div
VIN
2V/div
IIN
200mA/div
VOUT1
2V/div
VOUT2
2V/div
VIN
2V/div
IIN
200mA/div
VOUT1
2V/div
VOUT2
2V/div
EN
5V/div
IIN
200mA/div
VOUT1
10mV/div
VIN
10m/div
VOUT2
2V/div
2ms/div
2V/div
1s/div
IOUT
20mA/div
VOUT1
20mV/div
IOUT
20mA/div
VOUT2
50mV/div
Input Power Start Up
Input Power Shut Down
EN Start Up
VOUT1
2V/div
VOUT2
2V/div
EN
5V/div
IIN
200mA/div
EN Shut Down
IOUT1=IOUT2=200mA
IOUT1=IOUT2=200mA
IOUT1=IOUT2=200mA
IOUT1=IOUT2=200mA
Line Transient
VIN=3V to 6V, VOUT1=2.8V
VOUT2=1.2V, IOUT1=IOUT2=200mA
Load Transient
VIN=3.3V, VOUT1=2.8V
IOUT=1mA to 60mA, with Resistor Load
Load Transient
VIN=3.3V, VOUT2=1.2V
IOUT=1mA to 60mA, with Resistor Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com