Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP20249 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP20249
Description  Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20249 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP20249 Datasheet HTML 1Page - Monolithic Power Systems MP20249 Datasheet HTML 2Page - Monolithic Power Systems MP20249 Datasheet HTML 3Page - Monolithic Power Systems MP20249 Datasheet HTML 4Page - Monolithic Power Systems MP20249 Datasheet HTML 5Page - Monolithic Power Systems MP20249 Datasheet HTML 6Page - Monolithic Power Systems MP20249 Datasheet HTML 7Page - Monolithic Power Systems MP20249 Datasheet HTML 8Page - Monolithic Power Systems MP20249 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP20249 – DUAL, ULTRA-LOW NOISE, HIGH PSRR 200mA LINEAR REGULATOR
MP20249 Rev1.0
www.MonolithicPower.com
4
12/15/2010
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = (VOUT + 0.5 V) or 2.3V (whichever is greater), EN = VIN, IOUT = 10mA, CIN = COUT1,2 = 1µF,
TA = 25°C, unless otherwise noted.
Notes:
6) Load Regulation=
()
OUT (MAX )
OUT (MIN)
OUT I
OUT I
OUT NOM
VV
(%)
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×
7) Dropout Voltage is defined as the input to output differential when the output voltage drops 100mV below its nominal value.
8) Line Regulation=
()
IN(MAX )
IN(MIN)
OUT V
OUT V
IN(MIN)
OUT(NOM)
IN MAX
VV
(% / V)
VV
V
⎡⎤
⎡
⎤
⎣⎦
⎣
⎦
−
×
⎡⎤
−×
⎣⎦
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input voltage range
VIN
2.3
6.0
V
Maximum Output Current
IMAX
Continuous
200
mA
Output Voltage Accuracy
∆VOUT
ILOAD = 10mA
-1
+1
%
Current Limit
ILIM
RLoad=1Ω
220
270
440
mA
Ground Current
IQ
No Load
125
µA
Dropout Voltage
(6)
VDROP
VOUT =1.8V, IOUT = 150mA,
TJ=-40°C to +125°C
60
mV
VOUT =1.8V, IOUT = 200mA
TJ=-40°C to +125°C
75
mV
Line regulation
(7)
VLNR
VIN=2.3v to 6v
IOUT=0.1mA
-0.03
0.03
%/V
Load regulation
(8)
VLDR
IOUT=1mA to 200mA
0.001
%/mA
EN Input High Threshold
VIH
VIN = 2.3V to 5.5V
1.2
V
EN Input Low Threshold
VIL
VIN = 2.3V to 5.5V
0.4
V
EN Input Bias Current
ISD
EN = VIN=5.5V
100
300
nA
Shutdown Supply Current
IGSD
EN1 = EN2 = GND
0.12
1
µA
Under-voltage Lockout
UVLORISE
2.25
V
Under-voltage
Lockout
Hysteresis
UVLOHYS
160
mV
Thermal Shutdown Temperature
TSD
150
°C
Thermal Shutdown Hysteresis
∆TSD
15
°C
Output Voltage Noise
100Hz to 1kHz,
COUT1,2=4.7µF, VOUT=1.2V
ILOAD=10mA
16
µVRMS
Output Voltage AC PSRR
1kHz, COUT1,2 = 2.2µF,
ILOAD = 10mA
65
dB
10kHz, COUT1,2 = 2.2µF,
ILOAD = 10mA
65
dB
100kHz , COUT1,2 = 2.2µF,
ILOAD = 10mA
55
dB
Active Pull-Down Resistance
RShutdown
No Load, COUT1,2=1µF
80
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com