Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7225LPZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD7225LPZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7225LPZ Datasheet HTML 7Page - Analog Devices AD7225LPZ Datasheet HTML 8Page - Analog Devices AD7225LPZ Datasheet HTML 9Page - Analog Devices AD7225LPZ Datasheet HTML 10Page - Analog Devices AD7225LPZ Datasheet HTML 11Page - Analog Devices AD7225LPZ Datasheet HTML 12Page - Analog Devices AD7225LPZ Datasheet HTML 13Page - Analog Devices AD7225LPZ Datasheet HTML 14Page - Analog Devices AD7225LPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7225
Rev. C | Page 11 of 24
GROUND MANAGEMENT AND LAYOUT
Because the AD7225 contains four reference inputs that can be
driven from ac sources (see the AC Reference Signal section),
careful layout and grounding is important to minimize analog
crosstalk between the four channels. The dynamic performance
of the four DACs depends on the optimum choice of board
layout. Figure 14 shows the relationship between input fre-
quency and channel-to-channel isolation. Figure 15 shows a
printed circuit board layout that minimizes crosstalk and
feedthrough. The four input signals are screened by AGND.
VREF was limited to between 2 V and 3.24 V to avoid slew rate
limiting effects from the output amplifier during measurements.
–80
–70
–60
–50
–40
–30
20k
50k
100k
200k
500k
1M
INPUT FREQUENCY (Hz)
VDD = +15V
VSS = –5V
TA = 25°C
VREF = 1.24V p-p
Figure 14. Channel-to-Channel Isolation
VOUTC
VOUTB
VOUTD
VOUTA
VDD
VSS
VREFC
VREFB
VREFD
VREFA
MSB
LSB
PIN 1
SYSTEM
GND
DGND
AGND
Figure 15. Suggested PCB Layout for AD7225, Component Side (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com