Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7225LPZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD7225LPZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LPZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7225LPZ Datasheet HTML 11Page - Analog Devices AD7225LPZ Datasheet HTML 12Page - Analog Devices AD7225LPZ Datasheet HTML 13Page - Analog Devices AD7225LPZ Datasheet HTML 14Page - Analog Devices AD7225LPZ Datasheet HTML 15Page - Analog Devices AD7225LPZ Datasheet HTML 16Page - Analog Devices AD7225LPZ Datasheet HTML 17Page - Analog Devices AD7225LPZ Datasheet HTML 18Page - Analog Devices AD7225LPZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD7225
Rev. C | Page 15 of 24
AGND BIAS
The AD7225 AGND pin can be biased above system ground
(AD7225 DGND) to provide an offset zero analog output
voltage level. Figure 18 shows a circuit configuration to achieve
this for DAC Channel A of the AD7225. The output voltage,
VOUTA, can be expressed as:
VOUTA = VBIAS + DA(VIN)
where DA is a fractional representation of the digital word in
DAC Latch A (0 ≤ DA ≤ 255/256).
VDD
VSS
AGND
VBIAS
VIN
DGND
VOUTA
DAC A
AD7225*
VREFA
*DIGITAL INPUTS OMITTED FOR CLARITY.
Figure 18. AGND Bias Circuit
For a given VIN, increasing AGND above system ground reduces
the effective VDD − VREF, which must be at least 4 V to ensure
specified operation. Note that, because the AGND pin is
common to all four DACs, this method biases up the output
voltages of all the DACs in the AD7225. Note that VDD and VSS
of the AD7225 should be referenced to DGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com