Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7225LPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD7225LPZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7225LPZ Datasheet HTML 13Page - Analog Devices AD7225LPZ Datasheet HTML 14Page - Analog Devices AD7225LPZ Datasheet HTML 15Page - Analog Devices AD7225LPZ Datasheet HTML 16Page - Analog Devices AD7225LPZ Datasheet HTML 17Page - Analog Devices AD7225LPZ Datasheet HTML 18Page - Analog Devices AD7225LPZ Datasheet HTML 19Page - Analog Devices AD7225LPZ Datasheet HTML 20Page - Analog Devices AD7225LPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD7225
Rev. C | Page 17 of 24
APPLICATIONS INFORMATION
h1
1
T
Xn
h2
2
T
Xn – 1
h3
3
T
Xn – 2
h4
4
Xn – 3
FILTER
INPUT
+
y(n)
FILTER
OUTPUT
AD7225
QUAD DAC
+
AD585
SHA
AD7225
QUAD DAC
AD7820
ADC
INPUT
SAMPLES
AM29520
TLC
DELAYED
INPUT
SAMPLES
AD584
REF
10V
VREF
AM7224
DAC
VOUT
VREF
VREFA
VOUTA
h1
VREFA
VOUTA
h2
VREFA
VOUTA
h3
VREFA
VOUTA
h4
TAP WEIGHT
GAIN SET
VOUTA
VOUTB
VOUTC
VOUTD
ACCUMULATOR
OUTPUT
FILTER
OUTPUT
Figure 20. Programmable Transversal Filter
PROGRAMMABLE TRANSVERSAL FILTER
A discrete time filter can be described by either multiplication
in the frequency domain or by convolution in the time domain:
( )
( ) ( )
∑
=
+
−
=
ω
ω
=
ω
N
k
k
n
k
n
X
h
y
or
X
H
Y
1
1
The convolution sum can be implemented using the special struc-
ture known as the transversal filter (see Figure 21). It consists
of an N-stage delay line with N taps weighted by N coefficients,
the resulting products being accumulated to form the output.
The tap weights or coefficients hk are the nonzero elements of
the impulse response and therefore determine the filter transfer
function. A particular filter frequency response is realized by
setting the coefficients to the appropriate values. This property
leads to the implementation of transversal filters whose fre-
quency response is programmable.
h1
1
T
Xn
h2
2
T
Xn – 1
h3
3
Xn – 2
hN
N
Xn – N + 1
hN – 1
N –1
T
Xn – N
FILTER
INPUT
+
Xn – k + 1
hk
yn =
N
k = 1
FILTER
OUTPUT
Figure 21. Transversal Filter
A four-tap programmable transversal filter can be implemented
using the AD7225 (see Figure 20). The input signal is first sampled
and converted to allow the tapped delay line function to be
provided by the AM29520. The multiplication of delayed input
samples by fixed, programmable up weights is accomplished by
the AD7225, the four coefficients or reference inputs being set
by the digital codes stored in the AD7226. The resultant products
are accumulated to yield the convolution sum output sample,
which is held by the AD585.
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
NORMALIZED FREQUENCY (f/fS)
h1 = 0.117
h2 = 0.417
h3 = 0.417
h4 = 0.417
Figure 22. Predicted (Theoretical) Response
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
FREQUENCY (f/fS)
h1 (DAC A) = 00011110
h2 (DAC B) = 01101011
h3 (DAC C) = 01101011
h4 (DAC D) = 00011110
Figure 23. Actual Response
Low-pass, band-pass, and high-pass filters can be synthesized
using this arrangement. The particular up weights needed for
any desired transfer function can be obtained using the standard
Remez exchange algorithm. Figure 22 shows the theoretical
low-pass frequency response produced by a four-tap transversal
filter with the coefficients indicated. Although the theoretical
prediction does not take into account the quantization of the
input samples and the truncation of the coefficients, neverthe-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com